Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBY87C Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBY87C
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87C Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBY87C Datasheet HTML 5Page - OSRAM GmbH LBY87C Datasheet HTML 6Page - OSRAM GmbH LBY87C Datasheet HTML 7Page - OSRAM GmbH LBY87C Datasheet HTML 8Page - OSRAM GmbH LBY87C Datasheet HTML 9Page - OSRAM GmbH LBY87C Datasheet HTML 10Page - OSRAM GmbH LBY87C Datasheet HTML 11Page - OSRAM GmbH LBY87C Datasheet HTML 12Page - OSRAM GmbH LBY87C Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LB Y87C
2005-12-02
9
Maßzeichnung
8)
Seite 15
Package Outlines
8)
page 15
Gewicht / Approx. weight:
6 mg
Gurtung / Polarität und Lage
8)
Seite 15
Verpackungseinheit 3000/Rolle, ø180 mm
oder 10000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 3000/reel, ø180 mm
or 10000/reel, ø330 mm
GPLY6058
0 ... 0.1 (0 ... 0.004)
0.7 (0.028)
0.5 (0.020)
1.0 (0.039)
1.2 (0.047)
Cathode
1.3 (0.051)
1.1 (0.043)
(0.4 (0.016))
(0.6 (0.024))
0.25 (0.010)
0.20 (0.008)
Light emitting area
typ. 1.7 × 0.7
A
C
OHAY1515
1.5 (0.059)
4 (0.157)
2 (0.079)
0.9 (0.035)
1.25 (0.049)
0.3 (0.012) max.
1.4 (0.055)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com