Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBY87C Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LBY87C
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87C Datasheet(HTML) 3 Page - OSRAM GmbH

  LBY87C Datasheet HTML 1Page - OSRAM GmbH LBY87C Datasheet HTML 2Page - OSRAM GmbH LBY87C Datasheet HTML 3Page - OSRAM GmbH LBY87C Datasheet HTML 4Page - OSRAM GmbH LBY87C Datasheet HTML 5Page - OSRAM GmbH LBY87C Datasheet HTML 6Page - OSRAM GmbH LBY87C Datasheet HTML 7Page - OSRAM GmbH LBY87C Datasheet HTML 8Page - OSRAM GmbH LBY87C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LB Y87C
2005-12-02
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 110
°C
Durchlassstrom
Forward current
(
T
A=25°C)
I
F
20
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005, T
A=25°C
I
FM
300
mA
Sperrspannung
3)
Seite 15
Reverse voltage
3)
page 15
(
T
A=25°C)
V
R
5
V
Leistungsaufnahme
Power consumption
(
T
A=25°C)
P
tot
85
mW
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
4)
Seite 15
Junction/ambient
4)
page 15
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
600
350
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com