Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F570-I/SP Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 37Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 38Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 39Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 40Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 41Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 42Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 43Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 44Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 41
PIC16F570
Figure 8-5 shows how the R/C combination is
connected to the PIC16F570 device. For REXT values
below 3.0 k
, the oscillator operation may become
unstable or stop completely. For very high REXT values
(e.g., 1 M
), the oscillator becomes sensitive to noise,
humidity and leakage. Thus, we recommend keeping
REXT between 5.0 k
 and 100 k.
Although the oscillator will operate with no external
capacitor (CEXT = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With no
external capacitance or with values below 20 pF, the
oscillation frequency can vary dramatically due to
changes in external capacitances, such as PCB trace
capacitance or package lead frame capacitance.
FIGURE 8-5:
EXTERNAL RC
OSCILLATOR MODE
8.3.5
INTERNAL 4/8 MHz RC
OSCILLATOR
The internal RC oscillator provides a fixed 4/8 MHz
(nominal) system clock at VDD = 5V and 25°C, (see
Section 15.0
“Electrical
Characteristics”
for
information on variation overvoltage and temperature).
In addition, a calibration instruction is programmed into
the last address of memory, which contains the
calibration value for the internal RC oscillator. This
location is always non-code protected, regardless of
the code-protect settings. This value is programmed as
a MOVLW XX instruction where XX is the calibration
value, and is placed at the Reset vector. This will load
the W register with the calibration value upon Reset
and the PC will then roll over to the users program at
address 0x000. The user then has the option of writing
the value to the OSCCAL register or ignoring it.
OSCCAL, when written to with the calibration value, will
“trim” the internal oscillator to remove process variation
from the oscillator frequency.
For the PIC16F570 device, only bits <7:1> of OSCCAL
are used for calibration. See Register 4-3 for more
information.
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
Note:
The bit 0 of the OSCCAL register is
unimplemented and should be written as
‘0’
when
modifying
OSCCAL
for
compatibility with future devices.
VDD
REXT
CEXT
VSS
OSC1
Internal
clock
N
FOSC/4
OSC2/CLKOUT
PIC® Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com