| Electronic Components Datasheet Search |
|
PIC16F570-I/SP Datasheet(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F570-I/SP Datasheet(HTML) 9 Page - Microchip Technology |
|
9 / 129 page ![]() 2013-2014 Microchip Technology Inc. DS40001684E-page 9 PIC16F570 TABLE 3-2: PIC16F570 PINOUT DESCRIPTION Name Function Input Type Output Type Description VPP/MCLR VPP HV — Test mode high-voltage pin MCLR ST — Master Clear (Reset). This pin is an active-low Reset to the device. Voltage on MCLR/VPP must not exceed VDD during normal device operation or the device will enter Programming mode. Weak pull-up is always on. RA0/AN0 RA0 TTL CMOS Bidirectional I/O pin AN0 AN — ADC channel input RA1/AN1/C1IN+ RA1 TTL CMOS Bidirectional I/O pin AN1 AN — ADC channel input C1IN+ AN — Comparator 1 non-inverting input RA2/AN2/CVREF1 RA2 TTL CMOS Bidirectional I/O port AN2 AN — ADC channel input CVREF1 — AN Programmable Voltage Reference output 1 RA3/AN3/C2IN+ RA3 TTL CMOS Bidirectional I/O pin AN3 AN — ADC channel input C2IN+ AN — Comparator 2 non-inverting input RA4/AN4/T0CKI RA4 TTL CMOS Bidirectional I/O pin AN4 AN — ADC channel input T0CKI ST — Timer0 Schmitt Trigger input pin RA5/AN5 RA5 TTL CMOS Bidirectional I/O port AN5 AN — ADC channel input RA7/CLKIN/OSC1 RA7 TTL CMOS Bidirectional I/O port CLKIN ST — EXTRC Schmitt Trigger input OSC1 XTAL — XTAL oscillator input pin RA6/CLKOUT/OSC2 RA6 TTL CMOS Bidirectional I/O port CLKOUT — CMOS EXTRC/INTRC CLKOUT pin (FOSC/4) OSC2 — XTAL Oscillator crystal output. Connections to crystal or resonator in Crystal Oscillator mode (XT, HS and LP modes only, PORTB in other modes). RC0 RC0 ST CMOS Bidirectional I/O port RC1/AN6/OP1 RC1 ST CMOS Bidirectional I/O port AN6 AN — ADC channel input OP1 — AN Op amp 1 output RC2/OP1- RC2 ST CMOS Bidirectional I/O port OP1- AN — Op amp 1 inverting input RC3/OP1+ RC3 ST CMOS Bidirectional I/O port OP1+ AN — Op amp 1 non-inverting input RC4/OP2+ RC4 ST CMOS Bidirectional I/O port OP2+ AN — Op amp 2 non-inverting input RC5/OP2- RC5 ST CMOS Bidirectional I/O port OP2- AN — Op amp 2 inverting input RC6/AN7/OP2 RC6 ST CMOS Bidirectional I/O port AN7 AN — ADC channel input OP2 — AN Op amp 2 output Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input, HV = High Voltage, AN = Analog Voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |