Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F570-I/SP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F570-I/SP
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570-I/SP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F570-I/SP Datasheet HTML 99Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 100Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 101Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 102Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 103Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 104Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 105Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 106Page - Microchip Technology PIC16F570-I/SP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 129 page
background image
 2013-2014 Microchip Technology Inc.
DS40001684E-page 103
PIC16F570
FIGURE 16-10:
IPD BASE, LOW-POWER SLEEP MODE
FIGURE 16-11:
IPD, WATCHDOG TIMER (WDT)
400
Max.
200
250
300
350
400
Typical: Mean (25°C)
Max: Mean + 3 (
85°C)
Typical
0
50
100
150
200
250
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
M
18.0
Typical
Max.
8.0
10.0
12.0
14.0
16.0
18.0
Typical: Mean (25°C)
Max: Mean + 3 (-40°C to 85°C)
0.0
2.0
4.0
6.0
8.0
10.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com