Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 264Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 265Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 266Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 267Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 268Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 269Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 270Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 271Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 268
 2011-2015 Microchip Technology Inc.
28.3
DC Characteristics
TABLE 28-1:
SUPPLY VOLTAGE
PIC16LF1503
Standard Operating Conditions (unless otherwise stated)
PIC16F1503
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage
VDDMIN
1.8
2.5
—
—
VDDMAX
3.6
3.6
V
V
FOSC
 16 MHz
FOSC
 20 MHz
D001
2.3
2.5
—
—
5.5
5.5
V
V
FOSC
 16 MHz
FOSC
 20 MHz
D002*
VDR
RAM Data Retention Voltage(1)
1.5
—
—
V
Device in Sleep mode
D002*
1.7
—
—
V
Device in Sleep mode
D002A* VPOR
Power-on Reset Release Voltage(2)
—1.6
—
V
D002A*
—
1.6
—
V
D002B* VPORR*
Power-on Reset Rearm Voltage(2)
—0.8
—
V
D002B*
—
1.5
—
V
D003
VFVR
Fixed Voltage Reference Voltage
1x gain (1.024V nominal)
2x gain (2.048V nominal)
4x gain (4.096V nominal)
-4
-3
—
—
+4
+7
%
%
VDD
2.5V, -40°C  TA  +85°C
VDD
2.5V, -40°C  TA  +85°C
VDD
4.75V, -40°C  TA  +85°C
D004*
SVDD
VDD Rise Rate(2)
0.05
—
—
V/ms
Ensures that the Power-on Reset
signal is released properly.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
See Figure 28-3, POR and POR REARM with Slow Rising VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com