Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1503-I/SL. Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC16LF1503-I/SL.
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 268Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 269Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 270Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 271Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 272Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 273Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 274Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 275Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 272
 2011-2015 Microchip Technology Inc.
TABLE 28-3:
POWER-DOWN CURRENTS (IPD)(1,2)
PIC16LF1503
Operating Conditions: (unless otherwise stated)
Low-Power Sleep Mode
PIC16F1503
Low-Power Sleep Mode, VREGPM = 1
Param.
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
D022
Base IPD
—
0.020
1.0
8.0
A
1.8
WDT, BOR, FVR and SOSC
disabled, all Peripherals inactive
—
0.025
2.0
9.0
A3.0
D022
Base IPD
—
0.25
3.0
10
A
2.3
WDT, BOR, FVR and SOSC
disabled, all Peripherals inactive,
Low-Power Sleep mode
—
0.30
4.0
12
A
3.0
—
0.40
6.0
15
A
5.0
D022A
Base IPD
—
9.8
16
18
A
2.3
WDT, BOR, FVR and SOSC
disabled, all Peripherals inactive,
Normal-Power Sleep mode,
VREGPM = 0
—
10.3
18
20
A
3.0
—
11.5
21
26
A
5.0
D023
—
0.26
2.0
9.0
A
1.8
WDT Current
—
0.44
3.0
10
A3.0
D023
—
0.43
6.0
15
A
2.3
WDT Current
—
0.53
7.0
20
A
3.0
—
0.64
8.0
22
A
5.0
D023A
—
15
28
30
A
1.8
FVR Current
—18
30
33
A3.0
D023A
—
18
33
35
A
2.3
FVR Current
—
19
35
37
A
3.0
—
20
37
39
A
5.0
D024
—
6.0
17
20
A
3.0
BOR Current
D024
—
7.0
17
30
A
3.0
BOR Current
—
8.0
20
40
A
5.0
D24A
—
0.1
4.0
10
A
3.0
LPBOR Current
D24A
—
0.35
5.0
14
A
3.0
LPBOR Current
—
0.45
8.0
17
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
The peripheral
 current can be determined by subtracting the base IPD current from this limit. Max. values should be
used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VSS.
3:
ADC clock source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com