Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0064GPL036-I/M2 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC32MM0064GPL036-I/M2
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0064GPL036-I/M2 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC32MM0064GPL036-I/M2 Datasheet HTML 17Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 18Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 19Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 20Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 21Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 22Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 23Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 24Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 21
PIC32MM0064GPL036 FAMILY
2.5
ICSP Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming™ (ICSP™) and debugging pur-
poses. It is recommended to keep the trace length
between the ICSP connector and the ICSP pins on
the device as short as possible. If the ICSP connec-
tor is expected to experience an ESD event, a series
resistor is recommended, with the value in the range
of a few tens of Ohms, not to exceed 100 Ohms.
Pull-up resistors, series diodes and capacitors on the
PGECx and PGEDx pins are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits and pin Input Voltage High
(VIH) and Input Voltage Low (VIL) requirements.
Ensure that the “Communication Channel Select”
(i.e., PGECx/PGEDx pins) programmed into the device
matches the physical connections for the ICSP to
MPLAB® ICD 3 or MPLAB REAL ICE™ In-Circuit
Emulator.
For more information on MPLAB ICD 3 and REAL ICE
connection
requirements,
refer
to
the
following
documents that are available from the Microchip web site.
• “Using MPLAB® ICD 3 In-Circuit Debugger”
(poster) (DS51765)
• “Development Tools Design Advisory” (DS51764)
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide” (
DS51616)
• “Using MPLAB® REAL ICE™ In-Circuit Emulator”
(poster) (DS51749)
2.6
JTAG
The TMS, TDO, TDI and TCK pins are used for testing
and debugging according to the Joint Test Action Group
(JTAG) standard. It is recommended to keep the trace
length between the JTAG connector, and the JTAG pins
on the device, as short as possible. If the JTAG connector
is expected to experience an ESD event, a series resistor
is recommended, with the value in the range of a few tens
of Ohms, not to exceed 100 Ohms.
Pull-up resistors, series diodes and capacitors on the
TMS, TDO, TDI and TCK pins are not recommended as
they will interfere with the programmer/debugger com-
munications to the device. If such discrete components
are an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective device
Flash programming specification for information on
capacitive loading limits, and pin Input Voltage High (VIH)
and Input Voltage Low (VIL) requirements.
2.7
External Oscillator Pins
The PIC32MM0064GPL036 family has options for two
external oscillators: a high-frequency primary oscillator
and a low-frequency secondary oscillator (refer to
Section 8.0 “Oscillator Configuration”
for details).
The oscillator circuit should be placed on the same side
of the board as the device. Also, place the oscillator
circuit close to the respective oscillator pins, not
exceeding one-half inch (12 mm) distance between
them. The load capacitors should be placed next to the
oscillator itself, on the same side of the board. Use a
grounded copper pour around the oscillator circuit to
isolate them from surrounding circuits. The grounded
copper pour should be routed directly to the MCU
ground. Do not run any signal traces or power traces
inside the ground pour. Also, if using a two-sided board,
avoid any traces on the other side of the board where
the crystal is placed. A suggested layout is illustrated in
Figure 2-3.
FIGURE 2-3:
SUGGESTED OSCILLATOR
CIRCUIT PLACEMENT
2.8
Unused I/Os
To minimize power consumption, unused I/O pins
should not be allowed to float as inputs. They can be
configured as outputs and driven to a logic low or logic
high state.
Alternatively, inputs can be reserved by ensuring the
pin is always configured as an input and externally con-
necting the pin to VSS or VDD. A current-limiting resistor
may be used to create this connection if there is any
risk of inadvertently configuring the pin as an output
with the logic output state opposite of the chosen power
rail.
Main Oscillator
Guard Ring
Guard Trace
Secondary
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com