Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0064GPL036-I/M2 Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC32MM0064GPL036-I/M2
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0064GPL036-I/M2 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC32MM0064GPL036-I/M2 Datasheet HTML 30Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 31Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 32Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 33Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 34Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 35Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 36Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 37Page - Microchip Technology PIC32MM0064GPL036-I/M2 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 34
 2015-2016 Microchip Technology Inc.
FIGURE 4-1:
MEMORY MAP FOR DEVICES WITH 16 Kbytes OF PROGRAM MEMORY(1)
Virtual
Memory Map
0x00000000
Reserved
0x7FFFFFFF
0x80000000
4 Kbytes RAM
0x80000FFF
0x80001000
Reserved
0x9CFFFFFF
0x9D000000
16 Kbytes Flash
0x9D003FFF
0x9D004000
Reserved
Physical
Memory Map
0x9F7FFFFF
0x9F800000
SFRs(2)
4 Kbytes RAM
0x00000000
0x9F80FFFF
0x00000FFF
0x9F810000
Reserved
Reserved
0x00001000
0x9FBFFFFF
0x1CFFFFFF
0x9FC00000
Boot Flash(2)
16 Kbytes Flash
0x1D000000
0x9FC016FF
0x1D003FFF
0x9FC01700
Configuration Bits(2,3)
Reserved
0x1D004000
0x9FC017FF
0x1F7FFFFF
0x9FC01800
Reserved
SFRs
0x1F800000
0x9FFFFFFF
0x1F80FFFF
0xA0000000
4 Kbytes RAM
Reserved
0x1F810000
0xA0000FFF
0x1FBFFFFF
0xA0001000
Reserved
Boot Flash
0x1FC00000
0xBCFFFFFF
0x1FC016FF
0xBD000000
16 Kbytes Flash
Configuration Bits(3)
0x1FC01700
0xBD003FFF
0x1FC017FF
0xBD004000
Reserved
Reserved
0x1FC01800
0xBF7FFFFF
0xFFFFFFFF
0xBF800000
SFRs
0xBF80FFFF
0xBF810000
Reserved
0xBFBFFFFF
0xBFC00000
Boot Flash
0xBFC016FF
0xBFC01700
Configuration Bits(3)
0xBFC017FF
0xBFC01800
Reserved
0xFFFFFFFF
Note 1:
Memory areas are not shown to scale.
2:
This region should be accessed from kseg1 space only.
3:
Primary Configuration bits area is located at the address range, from 0x1FC01780 to 0x1FC017E8.
Alternate Configuration bits area is located at the address range, from 0x1FC01700 to 0x1FC01768.
Refer to Section 4.1 “Alternate Configuration Bits Space” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com