Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5904PZP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 10Page - Texas Instruments TLC5904PZP Datasheet HTML 11Page - Texas Instruments TLC5904PZP Datasheet HTML 12Page - Texas Instruments TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
shift register latch for brightness control and OVM
The shift register latch for both brightness control and OVM (Output Voltage Monitor) is configured with a
1 x 1 byte. In the shift register latch for brightness control, the division ratio of GSCLK can be set and the output
current value on the constant current output can be adjusted. In the shift register latch for OVM, the comparison
voltage at OVM comparator on the constant current output terminals (OUT0 to OUT15) can be set and the output
signal for both XDOWN1 and XDOWN2 can be forced to low level. When power up, the latch data is
indeterminate and the shift register is not initialized. Data should be written to the shift register latch prior to
turning the constant current output on (BLANK=L) when these functions are used. Also, it is inhibited to rewrite
the latch value for brightness control when the constant current output is turned on. When these functions are
not used, the latch value can be set to the default value setting BCENA or MCENA to low level (tied to GND).
The configuration of the shift register and the latch for brightness control and monitor control is shown in below.
XLATCH
Latch for Brightness Control
DOUT0 to 7
DIN0 to 7
DCLK
GSCLK Division Ratio Data Set
00
0
1
1
1
1
1
MSB
LSB
MSB
LSB
Shift Register for Brightness Control
DIN7
DATA
DIN6
DATA
DIN5
DATA
DIN4
DATA
DIN3
DATA
DIN2
DATA
DIN1
DATA
DIN0
DATA
(Note A)
GSCLK Division Ratio Data Set
Current Data Adjusted On Constant Current Output
XLATCH
N/A
00
0
1
MSB
LSB
(Note B)
Latch for OVM
Monitor Control Data
Note A: Indicates default value at the BCENA terminal = 0 if the brightness control latch = 1
DOUT0 to 7
DIN0 to 7
DCLK
Shift Register for OVM
DIN7
DATA
DIN6
DATA
DIN5
DATA
DIN4
DATA
DIN3
DATA
DIN2
DATA
DIN1
DATA
DIN0
DATA
Note B: Indicates default value at the MCENA terminal = 0 if the OVM latch =1
Figure 4. Relationship Between Shift Register and Latch for Brightness Control and OVM
write data to shift register latch
The shift register latch written to is selected using the RSEL0 and RSEL1 terminals. The data is applied to the
DIN data input terminal and is clocked into the shift register synchronizing to the rising edge of DCLK after
XENABLE is pulled low. The shift register for the gray scale data is 8 bits length at 8 bit mode resulting in eight
times DCLK, and 16 bit length at 16 bit mode resulting in sixteen times DCLK, and as for the brigtness control
and monitor control resulting one times DCLK input. At the number of DCLK input for each case, data can be
written into the shift register. In this condition, when XLATCH is pulled high, data in the shift register is clocked
into the latch (data through), and when XLATCH is pulled low, the data is held (latch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com