Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5904PZP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC5904PZP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5904PZP Datasheet HTML 13Page - Texas Instruments TLC5904PZP Datasheet HTML 14Page - Texas Instruments TLC5904PZP Datasheet HTML 15Page - Texas Instruments TLC5904PZP Datasheet HTML 16Page - Texas Instruments TLC5904PZP Datasheet HTML 17Page - Texas Instruments TLC5904PZP Datasheet HTML 18Page - Texas Instruments TLC5904PZP Datasheet HTML 19Page - Texas Instruments TLC5904PZP Datasheet HTML 20Page - Texas Instruments TLC5904PZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
output signal check for XDOWN1, XDOWN2
XDOWN1 or XDOWN2 can be forced to low level by setting the appropriate latch value for OVM. This allows
the investigation of the correct connection of XDOWN1 or XDOWN2 to the external system.
OVM comparator setting
Setting the OVM latch is shown in Table 5. Note that the comparison voltage is set to the default value of 0.3
V when MCENA is tied to the low level.
Table 5. OVM Setting
MONITOR CONTROL
DATA
COMPARISON
VOLTAGE
XDOWN1
XDOWN2
MSB
LSB
VOLTAGE
0000
NO COMPARISON
DEPEND ON TSD/WDT
HI–Z
0001†
0.3 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0010
0.4 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0011
0.5 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0100
0.6 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0101
0.7 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0110
0.8 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
0111
0.9 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1000
1.0 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1001
1.1 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1010
1.2 V
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1011
1/3
× VCCANA
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1100
1/2
× VCCANA
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1101
2/3
× VCCANA
DEPEND ON TSD/WDT
DEPEND ON OVM COMPARATOR
1110
0.3 V
L
DEPEND ON OVM COMPARATOR
1111
0.3 V
DEPEND ON TSD/WDT
L
† MCENA is low.
DOUT output timing selection
The timing for the DOUT output change can be switched by selecting the DOMODE level. When DOMODE is
low, the DOUT is changed synchronizing to the rising edge of DCLK. When DOMODE is high, the DOUT is
changed synchronizing to the falling edge of DCLK. When the shift operation with DOMODE is high, data can
be protected from a shift error even if the DCLK signal is buffered externally in serial. In this case, when ICs are
connected in cascade, the maximum data transfer speed at will be slower than the case of DOMODE low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com