Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9220B093ML Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9220B093ML
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220B093ML Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9220B093ML Datasheet HTML 9Page - Torex Semiconductor XC9220B093ML Datasheet HTML 10Page - Torex Semiconductor XC9220B093ML Datasheet HTML 11Page - Torex Semiconductor XC9220B093ML Datasheet HTML 12Page - Torex Semiconductor XC9220B093ML Datasheet HTML 13Page - Torex Semiconductor XC9220B093ML Datasheet HTML 14Page - Torex Semiconductor XC9220B093ML Datasheet HTML 15Page - Torex Semiconductor XC9220B093ML Datasheet HTML 16Page - Torex Semiconductor XC9220B093ML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
XC9220/XC9221
Series
■TEST CIRCUITS
Circuit 1: Supply Current, Stand-by Current, CE Current
Circuit 2: FB Voltage, Integral Protection, Short-Circuit,
Soft-Start, MAXDUTY, CE Voltage
Circuit 3: Oscillation Frequency, PFMDUTY, U.V.L.O., Efficiency
Circuit 4: EXT On Resistance, FB Current
Circuit 5: Soft-Start (Externally set: B and D series)
VSS
VIN
CE/CSS
EXT /
FB
A
CIN:1uF
A
VSS
VIN
CE/CSS
EXT /
FB
V
V
CIN:1uF
Probe
VSS
VIN
CE/CSS
EXT /
FB
CIN:1uF
V
A
V
A
VSS
VIN
CE/CSS
EXT /
FB
V
V
CIN:1uF
Probe
Rss
Css



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com