Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9220B093ML Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9220B093ML
Description  16V Input Voltage, Step-Down DC/DC Controller ICs.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9220B093ML Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9220B093ML Datasheet HTML 14Page - Torex Semiconductor XC9220B093ML Datasheet HTML 15Page - Torex Semiconductor XC9220B093ML Datasheet HTML 16Page - Torex Semiconductor XC9220B093ML Datasheet HTML 17Page - Torex Semiconductor XC9220B093ML Datasheet HTML 18Page - Torex Semiconductor XC9220B093ML Datasheet HTML 19Page - Torex Semiconductor XC9220B093ML Datasheet HTML 20Page - Torex Semiconductor XC9220B093ML Datasheet HTML 21Page - Torex Semiconductor XC9220B093ML Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XC9220/XC9221
Series
USP-6C (TOP VIEW)
① Represents product series
MARK
PRODUCT SERIES
M
XC9220xxxxxx
N
XC9221xxxxxx
② Represents product types
MARK
FUNCTION
PRODUCT SERIES
A
Soft-start internally set with integral protection function
XC922xAxxxxx
B
Soft-start externally set with integral protection function
XC922xBxxxxx
C
Soft-start internally set without integral protection function
XC922xCxxxxx
D
Soft-start externally set without integral protection function
XC922xDxxxxx
③ Represents oscillation frequency
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC922xxxx3xx
5
500kHz
XC922xxxx5xx
A
1.0MHz
XC922xxxxAxx
① Represents product series
MARK
PRODUCT SERIES
1
XC9220xxxxxx
D
XC9221xxxxxx
② Represent product types
MARK
FUNCTIONS
PRODUCT SERIES
A
Soft-start internally set with integral protection function
XC922xAxxxxx
B
Soft-start externally set with integral protection function
XC922xBxxxxx
C
Soft-start internally set without integral protection function
XC922xCxxxxx
D
Soft-start externally set without integral protection function
XC922xDxxxxx
③④ Represents FB voltage
MARK
③
④
FB VOLTAGE
PRODUCT SERIES
0
9
0.9V fixed
XC922xx09xxx
⑤ Represents oscillation frequency
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC922xxxx3xx
5
500kHz
XC922xxxx5xx
A
1.0MHz
XC922xxxxAxx
■ MARKING RULE
●SOT-25
④ Represents production lot number
0 to 9, A to Z and inverted 0 to 9, A to Z repeated.
(G, I, J, O, Q, W expected.)
●USP-6C
⑥ Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W expected.)
* No character inversion used.
SOT-25 (TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com