Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2731CDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2731CDBVT
Description  Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2731CDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2731CDBVT Datasheet HTML 2Page - Texas Instruments TLV2731CDBVT Datasheet HTML 3Page - Texas Instruments TLV2731CDBVT Datasheet HTML 4Page - Texas Instruments TLV2731CDBVT Datasheet HTML 5Page - Texas Instruments TLV2731CDBVT Datasheet HTML 6Page - Texas Instruments TLV2731CDBVT Datasheet HTML 7Page - Texas Instruments TLV2731CDBVT Datasheet HTML 8Page - Texas Instruments TLV2731CDBVT Datasheet HTML 9Page - Texas Instruments TLV2731CDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2731C
TLV2731I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at unity
‡
25
°C
0.75
1.25
0.75
1.25
SR
Slew rate at unity
gain
VO = 1.1 V to 1.9 V,
CL = 100 pF‡
RL = 600 Ω‡,
Full
range
0.5
0.5
V/
µs
V
Equivalent input
f = 10 Hz
25
°C
105
105
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
16
16
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1.4
1.4
µV
VN(PP) equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.5
1.5
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
VO = 1 V to 2 V,
f
20 kHz
AV = 1
25
°C
0.285%
0.285%
Total harmonic
f = 20 kHz,
RL = 600 Ω‡
AV = 10
25
°C
7.2%
7.2%
THD+N
distortion plus
noise
VO = 1Vto2V,
AV = 1
0.014%
0.014%
noise
VO = 1 V to 2 V,
f = 20 kHz,
§
AV = 10
25
°C
0.098%
0.098%
RL = 600 Ω§
AV = 100
0.13%
0.13%
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF‡
RL = 600 Ω‡,
25
°C
1.9
1.9
MHz
BOM
Maximum output-
swing bandwidth
VO(PP) = 1 V,
RL = 600 Ω‡,
AV = 1,
CL = 100 pF‡
25
°C
60
60
kHz
t
Settling time
AV = –1,
Step = 1 V to 2 V,
To 0.1%
25
°C
0.9
0.9
µs
ts
Settling time
,
RL = 600 Ω‡,
CL = 100 pF‡
To 0.01%
25
°C
1.5
1.5
µs
φm
Phase margin at
unity gain
RL = 600 Ω‡,
CL = 100 pF‡
25
°C
50
°
50
°
Gain margin
L
,
L
25
°C
8
8
dB
† Full range is – 40
°C to 85°C.
‡ Referenced to 1.5 V
§ Referenced to 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com