Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP100ALF Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
IP100A LF
Preliminary Data Sheet
71/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5.9 FramesWithExcessiveDeferal
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7a
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
FramesWithExcessi
veDeferal
R/W
Frames with Excessive Deferrals counts the number of frames
that deferred for an excessive period of time (exceeding the defer
limit). FramesWithExcessiveDeferal is only incremented once per
LLC frame. FramesWithExcessiveDeferal will wrap around to
zero after reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.20.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when FramesWithExcessiveDeferal reaches a
value of 0xC0. FramesWithExcessiveDeferal is enabled by writing
a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of FramesWithExcessiveDeferal also clears the register.
11.5.10 LateCollisions
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x75
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
LateCollisions
R/W
Late Collisions is a count of the number of times that a collision
has been detected later than 1 slot time into the transmitted
frame. LateCollisions will wrap around to zero after reaching
0xFF. See IEEE 802.3 Clause 30.3.1.1.10.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when LateCollisions reaches a value of 0xC0.
LateCollisions is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl1 register.
A read of LateCollisions also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com