Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP100ALF Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 78Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
IP100A LF
Preliminary Data Sheet
76/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.1 CacheLineSize
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x0c
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
CacheLineSize
R/W
Cache Line Size. The system BIOS writes the system’s cache line
size into CacheLineSize. The host system uses CacheLineSize to
optimize PCI bus master operation (choosing the best memory
command, etc.). The value in CacheLineSize represents the
number of double words in a cache. CacheLineSize values must
be a power of two, from 0x04 to 0x80 (giving a range of 16 to 512
bytes). CacheLineSize values which are not a power of two,
between 4 and 128 are interpreted as 0x00.
11.6.2 CapId
Class............................. LAN PCI Configuration Registers, Power Management
Base Address ............... PCI device configuration header start
Address Offset .............. 0x50
Default .......................... 0x01
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
CapId
R
Capabilities ID. CapId indicates the type of the capability data
structure for the IP100A LF. CapId is set to the value 0x01 to
indicate a PCI Power Management structure.
11.6.3 CapPtr
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x34
Default .......................... 0x50
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
CapPtr
R
Capabilities Pointer. CapPtr indicates the beginning of a chain of
registers which describe enhanced functions. CapPtr register
returns 0x50, which is the address of the first in a series of power
management registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com