Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA6280QT/R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA6280QT/R2
Description  Using the Multi-Axis g-Select Evaluation Boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6280QT/R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA6280QT/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN3109
Sensors
2
Freescale Semiconductor
SLEEP MODE FUNCTION
The g-Select series accelerometers feature a sleep mode
function, activated by a sleep mode option on the device’s
pinout. The sleep mode pin is an active high pin, enabling the
device “on” when VDD is applied to that pin (pin 12).
This is selectable on the evaluation board using either the
INPUT/OUTPUT sleep mode Pad or the dip switch that is
provided. When the dip switch is activated, the device is
enabled. The same occurs with the Sleep Mode Pad. When
the user attaches a 3.3 V or VDD voltage to this, the device will
be enabled. A VCC connection to this pin will place the device
in standby mode. If the device is enabled, the LED labeled
sleep mode will be lit.
The sleep mode allows the accelerometer to operate on
standby at 3 µA supply current. Regular operation uses
500 µA of supply current.
NOTE
Power Consumption is 3 µA during Sleep mode operation,
and 500 µA during normal operation. Note that when verifying
this information during prototyping, it is necessary to remove
the LEDs from the Evaluation Board. These have been
designed in to provide a clear indication of the part’s states,
but draw additional current as all items share the common
input voltage terminal.
QUICK STARTUP GUIDE
Figure 1. Evaluation Board Components for KIT3109
1. Connect the external power source to the Evaluation
board. The 3.3 V input is connected to the POWER
(VDD) and Ground (VSS) using the solder pads.
2. Note that the Main Power LED will turn on when the
Main Board Switch is thrown.
3. Next use a pointed object to turn the Sleep Mode
Dipswitch to the ‘ON’ position.
• You will notice that the Sleep Mode LED will light up
once the Sleep Mode Dip Switch is turned to the
“ON” position. This means that the device will have
X, Y, and Z outputs on the output pads. Sleep mode
will actually be disabled and the device is now
active.
• When “OFF”, no output voltages should be seen,
and the LED will be off. This will mean the board is
in Sleep Mode, in low power consumption.
4. Start to measure the voltages on the X, Y, and Z axes.
Solder these pads to your microcontroller A/D terminals
or other measuring devices.
The evaluation board has pads for interfacing to a 3.3 V
power source or battery. The pads on the side of the board
also provide a means for connecting to the accelerometer
analog output by soldering a wire from the evaluation board to
another breadboard or system. The ON/OFF switch provides
power to the accelerometer and helps preserve battery life if a
battery is being used as the power source. S1 must be set
towards the ON position for the accelerometer to function. The
green LED labeled PWR is lit when power is supplied to the
accelerometer.
Main Board Switch
Main Power LED
Sleep Mode LED
Sleep Mode
Dipswitch
ON/OFF
X,Y, ZOutput
pads
POWER
Ground
Accelerometer
Output Signals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com