Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA6280QT/R2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA6280QT/R2
Description  Using the Multi-Axis g-Select Evaluation Boards
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6280QT/R2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

  MMA6280QT/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6280QT/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AN3109
Sensors
8
Freescale Semiconductor
APPENDIX 5
Figure 18. Orientation and Output Values for MMA7260QT, MMA6270QT and MMA6280QT
Figure 19. Orientation and Output Values for MMA7261QT
STATIC ACCELERATION
Direction of Earth’s gravity field.*
XOUT@ 0g = 1.65 V
YOUT @ -1g = 0.85 V
ZOUT @ 0g = 1.65 V
XOUT @ -1g = 0.85 V
YOUT @ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
XOUT @ 0g = 1.65 V
YOUT @ +1g = 2.45 V
ZOUT @ 0g = 1.65 V
XOUT @ +1g = 2.45 V
YOUT @ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.
Top View
Side View
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
ZOUT @ +1g = 2.45 V
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
ZOUT @ -1g = 0.85 V
STATIC ACCELERATION
Direction of Earth’s gravity field.*
XOUT@ 0g = 1.65 V
YOUT @ -1g = 1.17 V
ZOUT @ 0g = 1.65 V
XOUT @ -1g = 1.17 V
YOUT @ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
XOUT @ 0g = 1.65 V
YOUT @ +1g = 2.13 V
ZOUT @ 0g = 1.65 V
XOUT @ +1g = 2.13 V
YOUT @ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.
Top View
Side View
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
ZOUT @ +1g = 2.13 V
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
ZOUT @ -1g = 1.17 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com