Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48-2-RB-R-RD-B-05 Datasheet(PDF) 2 Page - ITWSwitches

Part # 48-2-RB-R-RD-B-05
Description  SERIES 48 - 12MM MINIATURE SEALED ELECTRO-MECHANICAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

48-2-RB-R-RD-B-05 Datasheet(HTML) 2 Page - ITWSwitches

  48-2-RB-R-RD-B-05 Datasheet HTML 1Page - ITWSwitches 48-2-RB-R-RD-B-05 Datasheet HTML 2Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCH TERMINALS
5.59
0.220
0.48
12.2
FOR LED VERSION ONLY
3.3 LIGHTPIPE
0.13
BUTTON
BEZEL
17.45
0.687
CATHODE (-)
LED
ANODE (+)
LED
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
THREADED BODY
RECOMMENDED PANEL CUT-OUT
FREE POSITIONMAINTAINED
WITH LED
7.51 [0.296]6.00 [0.236]
NO LED8.19 [0.323]6.67 [0.263]
PC TERM.
1.02
0.040
SEE TABLE 2
7.51
BUTTON HEIGHT
0.296
5.2
0.20
13.1
0.52
9.17
0.361
SOLDER TERM.
2.79
0.110
SNAP-IN BODY
RECOMMENDED PANEL CUT-OUT
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
SWITCH TERMINALS
5.59
0.220
0.48
12.2
FOR LED VERSION ONLY
3.3 LIGHTPIPE
0.13
BUTTON
BEZEL
17.45
0.687
CATHODE (-)
LED
ANODE (+)
LED
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
THREADED BODY
RECOMMENDED PANEL CUT-OUT
FREE POSITIONMAINTAINED
WITH LED
7.51 [0.296]6.00 [0.236]
NO LED8.19 [0.323]6.67 [0.263]
PC TERM.
1.02
0.040
SEE TABLE 2
7.51
BUTTON HEIGHT
0.296
5.2
0.20
13.1
0.52
9.17
0.361
SOLDER TERM.
2.79
0.110
SNAP-IN BODY
RECOMMENDED PANEL CUT-OUT
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
Pushbutton switches
SERIES 48: 12MM MINIATURE SEALED ELECTRO-MECHANICAL
Product drAwings
threAded bush
snAP-Fit
mechAnicAl
chArActeristics:
SPST-NO-DB (FORM X)
Button Travel (Nom):
[2.3] .09
Operating Force (Nom):
[3N] 306g
Contact Bounce (Nom):
1 ms
Panel Thickness:
Bushing Mounting:
[0.5-3.0] .02-.12
Snap-Fit Mounting:
[1.3-3.0] .05-.12
Nut Torque (Max):
[6 kgf-cm] 5.2 lb-in
Hardware:
Threaded Bush - Supplied with
Panel Seal and Hex Nut in bags
with the product packaging.
Snap-Fit - Panel Seal supplied
fitted to the switch
environmentAl sPeciFicAtions
Actuator Ingress Protection:
IP67 (Threaded Bush)
Operating Temperature:
[-40°C to +85°C] -40°F to + 185°F
electricAl sPeciFicAtions
Current Rating (resistive):
48 (Momentary}
250mA@ 12VDC, 100K Cycles
150mA@ 28VDC, 150K Cycles
100mA @ 48VDC, 100K Cycles
10mA@ 12VDC, 1 Million Cycles
48 (Maintained}
50K Cycles Nominal
Dielectric Strength:
1,000 VAC
Insulation Resistance:
1G Ohm
Contact Resistance:
50m Ohms
Designs and specifications are subject to change without notice to product improvement.
www.itwswitches.com
threAded bush
SWITCH TERMINALS
5.59
0.220
0.48
12.2
FOR LED VERSION ONLY
3.3 LIGHTPIPE
0.13
BUTTON
BEZEL
17.45
0.687
CATHODE (-)
LED
ANODE (+)
LED
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
THREADED BODY
RECOMMENDED PANEL CUT-OUT
FREE POSITIONMAINTAINED
WITH LED
7.51 [0.296]6.00 [0.236]
NO LED8.19 [0.323]6.67 [0.263]
PC TERM.
1.02
0.040
SEE TABLE 2
7.51
BUTTON HEIGHT
0.296
5.2
0.20
13.1
0.52
9.17
0.361
SOLDER TERM.
2.79
0.110
SNAP-IN BODY
RECOMMENDED PANEL CUT-OUT
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
[0.58]
14.8
8.9
[0.35]
SEALING WASHER
ROUND BEZEL
10.7
[0.42]
[0.58]
14.8
8.9
[0.35]
SEALING WASHER
ROUND BEZEL
10.7
[0.42]
snAP-Fit
button height
SWITCH TERMINALS
5.59
0.220
0.48
12.2
FOR LED VERSION ONLY
3.3 LIGHTPIPE
0.13
BUTTON
BEZEL
17.45
0.687
CATHODE (-)
LED
ANODE (+)
LED
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
THREADED BODY
RECOMMENDED PANEL CUT-OUT
FREE POSITIONMAINTAINED
WITH LED
7.51 [0.296]6.00 [0.236]
NO LED8.19 [0.323]6.67 [0.263]
PC TERM.
1.02
0.040
SEE TABLE 2
7.51
BUTTON HEIGHT
0.296
5.2
0.20
13.1
0.52
9.17
0.361
SOLDER TERM.
2.79
0.110
SNAP-IN BODY
RECOMMENDED PANEL CUT-OUT
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
SWITCH TERMINALS
5.59
0.220
0.48
12.2
FOR LED VERSION ONLY
3.3 LIGHTPIPE
0.13
BUTTON
BEZEL
17.45
0.687
CATHODE (-)
LED
ANODE (+)
LED
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
THREADED BODY
RECOMMENDED PANEL CUT-OUT
FREE POSITIONMAINTAINED
WITH LED
7.51 [0.296]6.00 [0.236]
NO LED8.19 [0.323]6.67 [0.263]
PC TERM.
1.02
0.040
SEE TABLE 2
7.51
BUTTON HEIGHT
0.296
5.2
0.20
13.1
0.52
9.17
0.361
SOLDER TERM.
2.79
0.110
SNAP-IN BODY
RECOMMENDED PANEL CUT-OUT
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
PAnel cut-out
FREE POSITION
MAINTAINED
WITH LED
7.51 [0.296]
6.00 [0.236]
NO LED
8.19 [0.323]
6.67 [0.263]
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
SWITCH TERMINALS
5.59
0.220
PC TERM.
1.02
0.040
ANODE (+)
LED
LED
CATHODE (-)
0.13
LIGHTPIPE
3.33
FOR LED VERSION ONLY
12.2
0.48
BUTTON
BEZEL
17.40
0.685
THREADED BODY
RECOMMENDED PANEL CUT-OUT
13.1
0.52
5.2
0.20
7.51
0.296
BUTTON HEIGHT
SEE TABLE 2
9.17
0.361
SOLDER TERM.
2.79
0.110
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
SWITCH TERMINALS
5.59
0.220
PC TERM.
1.02
0.040
ANODE (+)
LED
LED
CATHODE (-)
0.13
LIGHTPIPE
3.33
FOR LED VERSION ONLY
12.2
0.48
BUTTON
BEZEL
17.40
0.685
THREADED BODY
RECOMMENDED PANEL CUT-OUT
13.1
0.52
5.2
0.20
7.51
0.296
BUTTON HEIGHT
SEE TABLE 2
9.17
0.361
SOLDER TERM.
2.79
0.110
13.61 ±0.03
0.536 ±0.001
12.93 ±0.03
0.509 ±0.001
15.62
15.49
0.615
0.61
15.11 ±0.13
0.595 ±0.005
2X 4.32
4.06
0.170
0.16
2X 2.03
0.080
7.75
0.305
SWITCH TERMINALS
5.59
0.220
PC TERM.
1.02
0.040
ANODE (+)
LED
LED
CATHODE (-)
0.13
LIGHTPIPE
3.33
FOR LED VERSION ONLY
12.2
0.48
BUTTON
BEZEL
17.40
0.685
THREADED BODY
RECOMMENDED PANEL CUT-OUT
13.1
0.52
5.2
0.20
7.51
0.296
BUTTON HEIGHT
SEE TABLE 2
9.17
0.361
SOLDER TERM.
2.79
0.110



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com