Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48-2-RB-R-RD-B-05 Datasheet(PDF) 1 Page - ITWSwitches

Part # 48-2-RB-R-RD-B-05
Description  SERIES 48 - 12MM MINIATURE SEALED ELECTRO-MECHANICAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

48-2-RB-R-RD-B-05 Datasheet(HTML) 1 Page - ITWSwitches

  48-2-RB-R-RD-B-05 Datasheet HTML 1Page - ITWSwitches 48-2-RB-R-RD-B-05 Datasheet HTML 2Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pushbutton switches
SERIES 48 - 12MM MINIATURE SEALED
ELECTRO-MECHANICAL
This rugged multi-option sealed pushbutton series offers the
utmost in choices of mounting styles, colors, terminations,
bezels, lighting and momentary or alternate-action
switching. The Series 48 offers all these options in one
compact package size.
APPlicAtions:
• Office equipment
• Medical equipment
• Industrial machinery
• Outdoor controls
• Mass transportation
• Food processing equipment
Key FeAtures:
• Momentary or Maintained action
• Gold contacts
• Seven button colors
• Choice of LED colors
(or non-illuminated versions)
• Solder or PC terminals
• Panel sealed to IP67
(Threaded Bush)
• Plastic bezel/ housing
• Raised button
• Snap action (see SA12 series)
ordering inFormAtion:
Series:
48 Gold Contact
Module
Type:
1
2
5
6
Switch
Function:
Momentary
Maintained
Momentary
Maintained
Switch
Termination:
Solder
Solder
PC
PC
Bezel
Type:
RB Round, Black
SB Square, Black#
Led:
N None
R Red
G Green
Y Yellow
A Amber
B Blue
W White
Button
Color:
RD Red
GR Green
BK Black
BL Blue
YL Yellow
OR Orange
WH White
Mounting
Type:
B Bushing
S Snap-fit
Voltage Resistor:
If Blank*/ $
05 5V Forward
48
* Current limiting resistor maybe required to limit LED forward current to 20mA
$
Other integrated LED voltages can be provided upon request depending on project volume
#
A setup charge maybe required for the Square Bezel
www.itwswitches.com
Contact an Authorized Distributor or Factory for Pricing


Similar Part No. - 48-2-RB-R-RD-B-05

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
48-21-W1D-ANPHY EVERLIGHT-48-21-W1D-ANPHY Datasheet
153Kb / 11P
Chip LED with Right Angle Lens
48-21/W1D-ANPHY/3C EVERLIGHT-48-21/W1D-ANPHY/3C Datasheet
153Kb / 11P
Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
152Kb / 10P
Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-BHC-ZM2P1QY-3C TO-GRACE-48-213-BHC-ZM2P1QY-3C Datasheet
652Kb / 10P
Chip LED with Right Angle Lens
More results

Similar Description - 48-2-RB-R-RD-B-05

ManufacturerPart #DatasheetDescription
logo
SICK AG
I110-PA223 SICK-I110-PA223 Datasheet
253Kb / 5P
ELECTRO-MECHANICAL SAFETY SWITCHES
I110-RA313 SICK-I110-RA313 Datasheet
250Kb / 5P
ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SA203 SICK-I12-SA203 Datasheet
297Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
I12-SB215 SICK-I12-SB215 Datasheet
325Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
I16-SA205 SICK-I16-SA205 Datasheet
387Kb / 6P
ELECTRO-MECHANICAL SAFETY SWITCHES
I110-SA313 SICK-I110-SA313 Datasheet
244Kb / 7P
ELECTRO-MECHANICAL SAFETY SWITCHES
logo
DB Unlimited.
TE034003-1 DBUNLIMITED-TE034003-1 Datasheet
133Kb / 1P
Electro-Mechanical Transducer
11/12/2019
TE044003-4 DBUNLIMITED-TE044003-4 Datasheet
129Kb / 1P
Electro-Mechanical Transducer
7/22/2019
TE054003-6 DBUNLIMITED-TE054003-6 Datasheet
136Kb / 1P
Electro-Mechanical Transducer
3/21/2022
TE084005-2 DBUNLIMITED-TE084005-2 Datasheet
193Kb / 1P
Electro-Mechanical Transducer
5/21/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com