Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC35701/2 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC35701/2
Description  Advanced Voltage Mode Pulse Width Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC35701/2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC35701/2 Datasheet HTML 4Page - Texas Instruments UCC35701/2 Datasheet HTML 5Page - Texas Instruments UCC35701/2 Datasheet HTML 6Page - Texas Instruments UCC35701/2 Datasheet HTML 7Page - Texas Instruments UCC35701/2 Datasheet HTML 8Page - Texas Instruments UCC35701/2 Datasheet HTML 9Page - Texas Instruments UCC35701/2 Datasheet HTML 10Page - Texas Instruments UCC35701/2 Datasheet HTML 11Page - Texas Instruments UCC35701/2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
UCC15701/2
UCC25701/2
UCC35701/2
VFF
CT
SYNC
Figure 2. Timing diagram for oscillator waveforms showing feedforward action and synchronization.
TYPICAL WAVEFORMS (cont.)
10
100
1000
20
60
100
140
180
220
RT [K ]
100pF
150pF
220pF
330pF
470pF
Figure 3. Oscillator frequency vs. RT and CT.
TYPICAL CHARACTERISTIC CURVES
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]
VFF=0.8
VFF=3.2
Figure 5. Normalized maximum duty cycle vs.
temperature.
UDG-98208
0.98
0.99
1
1.01
1.02
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE [°C]
VFF=3.2
VFF=0.8
CT=330pF
FOSC = 100kHz
Figure 4. Oscillator frequency vs. temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com