Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC35701/2 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC35701/2
Description  Advanced Voltage Mode Pulse Width Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC35701/2 Datasheet(HTML) 1 Page - Texas Instruments

  UCC35701/2 Datasheet HTML 1Page - Texas Instruments UCC35701/2 Datasheet HTML 2Page - Texas Instruments UCC35701/2 Datasheet HTML 3Page - Texas Instruments UCC35701/2 Datasheet HTML 4Page - Texas Instruments UCC35701/2 Datasheet HTML 5Page - Texas Instruments UCC35701/2 Datasheet HTML 6Page - Texas Instruments UCC35701/2 Datasheet HTML 7Page - Texas Instruments UCC35701/2 Datasheet HTML 8Page - Texas Instruments UCC35701/2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
UCC15701/2
UCC25701/2
UCC35701/2
Advanced Voltage Mode Pulse Width Modulator
DESCRIPTION
The UCC35701/UCC35702 family of pulse width modulators is intended for
isolated switching power supplies using primary side control. They can be
used for both off-line applications and DC/DC converter designs such as in
a distributed power system architecture or as a telecom power source.
The devices feature low startup current, allowing for efficient off-line start-
ing, yet have sufficient output drive to switch power MOSFETs in excess of
500kHz.
Voltage feed forward compensation is operational over a 5:1 input range
and provides fast and accurate response to input voltage changes over a
4:1 range. An accurate volt-second clamp and maximum duty cycle limit
are also featured.
Fault protection is provided by pulse by pulse current limiting as well as the
ability to latch off after a programmable number of repetitive faults has oc-
curred.
Two UVLO options are offered. UCC35701 family has turn-on and turn-off
thresholds of 13V/9V and UCC35702 family has thresholds of 9.6V/8.8V.
The UCC35701/2 and the UCC25701/2 are offered in the 14 pin SOIC (D),
14 pin PDIP (N) or in 14 pin TSSOP (PW) packages. The UCC15701/2 is
offered in the 14 pin CDIP (J) package.
3
VDD
12
VREF
8FB
4
OUT
2
ILIM
5
PGND
C3
1
COUNT
CF
14
SS
CS
11
SYNC
9VSCLAMP
VREF
10
CT
CT
7RT
6
VFF
13
GND
VIN SUPPLY
VIN RETURN
RGND
R10
RCS
R8
R7
R6
C2
R8
RF
R5
R4
R3
R2
R1
VOUT
UCC35701
C1
C4
C6
R12
C6
C5
R11
R13
C7
R14
VOUT
R15
TYPICAL APPLICATION DIAGRAM
SLUS293C - JANUARY 2000 - REVISED JUNE 2005
FEATURES
700kHz Operation
Integrated Oscillator/ Voltage Feed
Forward Compensation
Accurate Duty Cycle Limit
Accurate Volt-second Clamp
Optocoupler Interface
Fault Counting Shutdown
Fault Latch off or Automatic Shutdown
Soft Stop Optimized for Synchronous
Rectification
1A Peak Gate Drive Output
130
mA Start-up Current
750
mA Operating Current
UDG-98005-1
application
INFO
available


Similar Part No. - UCC35701/2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35701 TI-UCC35701 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI-UCC35701 Datasheet
646Kb / 21P
Advanced Voltage Mode Pulse Width Modulator
UCC35701D TI1-UCC35701D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35701D TI1-UCC35701D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35701DG4 TI1-UCC35701DG4 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
More results

Similar Description - UCC35701/2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
logo
Seme LAB
IP1526A SEME-LAB-IP1526A Datasheet
69Kb / 6P
ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
List of Unclassifed Man...
CM494 ETC-CM494 Datasheet
512Kb / 9P
ADVANCED REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UCC25705 TI-UCC25705 Datasheet
353Kb / 12P
HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
Advanced Voltage Mode Pulse Width Modulator
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com