Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNK403/413E/L Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK403/413E/L
Description  Single-Stage PFC, Primary-Side Constant Current Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK403/413E/L Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK403/413E/L Datasheet HTML 1Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 2Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 3Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 4Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 5Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 6Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 7Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 8Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LNK403-410/413-420
LinkSwitch-PH LED Driver IC Family
www.power.com
June 2015
Single-Stage PFC, Primary-Side Constant Current Control
and TRIAC Dimming/Non-Dimming Options
This Product is Covered by Patents and/or Pending Patent Applications.
This product is not recommended for new designs.
Output Power Table1,2
Product5
R
V = 2 MW
R
V = 4 MW
85-132 VAC
85-308 VAC
Minimum
Output
Power3
Maximum
Output
Power4
Minimum
Output
Power3
Maximum
Output
Power4
LNK403/413E/L
2.5 W
4.5 W
6.5 W
12 W
LNK404/414E/L
2.5 W
5.5 W
6.5 W
15 W
LNK405/415E/L
3.8 W
7.0 W
8.5 W
18 W
LNK406/416E/L
4.5 W
8.0 W
10 W
22 W
LNK407/417E/L
5.5 W
10 W
12 W
25 W
LNK408/418E/L
6.8 W
13.5 W
16 W
35 W
LNK409/419E/L
8.0 W
20 W
18 W
50 W
LNK410/420E/L
18 W
31 W
40 W
78 W
Table 1. Output Power Table.
Notes:
1. Continuous power in an open frame with adequate heat sinking at device local
ambient of 70 °C.
2. Power level calculated on typical LED string voltage with efficiency
>80%.
3. Minimum output power with C
BP = 10 mF.
4. Maximum output power with C
BP = 100 mF. LNK4x3EG CBP = 10 mF.
5. Package: eSIP-7C, eSIP-7F.
Product Highlights
Dramatically Simplifies Off-line LED Drivers
•
Single-stage combination of power factor correction and
accurate constant-current (CC) output
•
Enables very long lifetime designs (no electrolytic capacitors)
•
Eliminates optocoupler and all secondary current control
circuitry
•
Eliminates control loop compensation circuitry
•
Simple primary-side PWM dimming interface
•
Universal input voltage range
•
LNK403-410 optimized for flicker-free TRIAC dimming
EcoSmart™ – Energy Efficient
•
Single-stage PFC combined with output CC control
•
Greatly increases efficiency, >90% achievable
•
Reduces component count
•
No current sense resistors
•
Low standby power remote ON/OFF feature
(<50 mW at 230 VAC)
Accurate and Consistent Performance
•
Compensates for transformer inductance variations
•
Compensates for line input voltage variation
•
Frequency jittering greatly reduces EMI filter size and cost
Advanced Protection and Safety Features
•
Auto-restart for short-circuit protection
•
Open circuit fault detection mode
•
Automatic thermal shutdown restart with hysteresis
•
Meets high voltage creepage requirement between DRAIN and
all other signal pins both on PCB and at package
Green Package
•
Halogen free and ROHS compliant package
Applications
•
Off-line LED driver
Description
The LinkSwitch™-PH dramatically simplifies implementation of
LED drivers requiring long lifetime, high efficiency, PF
>0.9, and
TRIAC dimming capability (LNK403-410). The single-stage
combined power factor and constant-current controller eliminates
a switching stage and the electrolytic bulk capacitor. The
advanced primary-side control used by the LinkSwitch-PH device
provides accurate constant current control while eliminating the
need for an optocoupler and current sensing circuits.
LinkSwitch-PH incorporates a 725 V power FET, a continuous-
mode PWM controller, a high-voltage switched current source for
self biasing, frequency jittering, protection circuitry including
cycle-by-cycle current limit and hysteretic thermal shutdown.
Figure 2.
Package Options.
eSIP-7F (L Package)
eSIP-7C (E Package)
Figure 1.
Typical Application Schematic.
PI-6543-082211
LinkSwitch-PH
AC
IN
D
S
BP
V
FB
R
CONTROL
RV


Similar Part No. - LNK403/413E/L

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
LinkSwitch-PH LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LNK403-409 POWERINT-LNK403-409 Datasheet
2Mb / 20P
LinkSwitch-PH LED Driver IC Family
LNK403EG POWERINT-LNK403EG Datasheet
2Mb / 20P
LinkSwitch-PH LED Driver IC Family
LNK403EG POWERINT-LNK403EG Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
More results

Similar Description - LNK403/413E/L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline
logo
Taiwan Semiconductor Co...
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
Single-Stage Primary-Side Control with High PFC LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
Single-Stage PFC Primary-Side-Regulation LED Driver
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
logo
List of Unclassifed Man...
QH7938 ETC-QH7938 Datasheet
448Kb / 9P
Dimmable primary-side feedback single-stage active PFC LED constant current control chip
logo
CHIPLINK SEMICONDUCTOR
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com