Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNK403/413E/L Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK403/413E/L
Description  Single-Stage PFC, Primary-Side Constant Current Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK403/413E/L Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK403/413E/L Datasheet HTML 9Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 10Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 11Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 12Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 13Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 14Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 15Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 16Page - Power Integrations, Inc. LNK403/413E/L Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev. G 06/15
13
LNK403-410/413-420
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -20 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Switching Frequency
f
OSC
T
J = 25 °C
Average
62
66
70
kHz
Peak-Peak Jitter
9
Frequency Jitter
Modulation Rate
f
M
T
J = 25 °C
See Note B
1
kHz
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V,
T
J = 25 °C
LNK403, LNK413
-5.0
-4.2
-3.4
mA
LNK404, LNK414
-9.6
-8.0
-6.4
LNK405-410,
LNK415-420
-17
-12
-8.8
I
CH2
V
BP = 5 V,
T
J = 25 °C
LNK403, LNK413
-1.6
-1.2
-0.6
LNK404, LNK414
-4.2
-3.5
-2.8
LNK405-410,
LNK415-420
-9
-6.8
-4.6
Charging Current
Temperature Drift
See Note A
0.5
%/°C
BYPASS Pin Voltage
V
BP
0 °C < T
J < 100 °C
5.7
5.9
6.1
V
BYPASS Pin Voltage
Hysteresis
V
BP(H)
0 °C < T
J < 100 °C
0.85
V
BYPASS Pin
Shunt Voltage
V
BP(SHUNT)
I
BP = 2 mA
0 °C < T
J < 100 °C
6.0
6.4
6.7
V
Soft-Start Time
t
SOFT
T
J = 25 °C
V
BP = 5.9 V
40
ms
Absolute Maximum Ratings(1,4)
DRAIN Pin Peak Current(5): LNK403, LNK413 ...................1.37 A
LNK404, LNK414 ...................2.08 A
LNK405, LNK415 ...................2.72 A
LNK406, LNK416 .................. 4.08 A
LNK407, LNK417 .................. 5.44 A
LNK408, LNK418 .................. 6.88 A
LNK409, LNK419 ................... 7.73 A
LNK410, LNK420 .................. 9.00 A
DRAIN Pin Voltage ………………………................ -0.3 to 725 V
BYPASS Pin Voltage ............................................... -0.3 to 9 V
BYPASS Pin Current .................................................... 100 mA
VOLTAGE MONITOR Pin Voltage ............................ -0.3 to 9 V(6)
FEEDBACK Pin Voltage …….. .................................. -0.3 to 9 V
REFERENCE Pin Voltage .......................................... -0.3 to 9 V
Lead Temperature(3) ................................................................260
°C
Storage Temperature .......................................... -65 to 150 °C
Operating Junction Temperature(2).........................-40 to 150 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. Absolute Maximum Ratings specified may be applied, one
at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for
extended periods of time may affect product reliability.
5. Peak DRAIN current is allowed while the DRAIN voltage is
simultaneously less than 400 V. See also Figure 17.
6. During start-up (the period before the BYPASS pin begins
powering the IC) the VOLTAGE MONITOR pin voltage can
safely rise to 15 V without damage.
Thermal Resistance
Thermal Resistance: eSIP Package:
(
q
JA) ....................................................105 °C/W
(1)
(
q
JC) .................................................... 2 °C/W
(2)
Notes:
1. Free Standing with no heat sink.
2. Measured at back surface tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com