Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM1517-025 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AM1517-025
Description  RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1517-025 Datasheet(HTML) 4 Page - STMicroelectronics

  AM1517-025 Datasheet HTML 1Page - STMicroelectronics AM1517-025 Datasheet HTML 2Page - STMicroelectronics AM1517-025 Datasheet HTML 3Page - STMicroelectronics AM1517-025 Datasheet HTML 4Page - STMicroelectronics AM1517-025 Datasheet HTML 5Page - STMicroelectronics AM1517-025 Datasheet HTML 6Page - STMicroelectronics AM1517-025 Datasheet HTML 7Page - STMicroelectronics AM1517-025 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AM1517-025
4/8
IMPEDANCE DATA
TYPICAL COLLECTOR
LOAD IMPEDANCE
ZCL
ZIN
TYPICAL INPUT
IMPEDANCE
POUT =25 W
VCC =28 V
ZO = 50 OHMS
POUT =25 W
VCC =28 V
ZO = 50 OHMS
Frequency
MHz
ZIN
(
Ω)
ZCL
(
Ω)
1.5 GHz
8.5 + j 13.0
12.0 - j 4.0
1.6 GHz
8.0 + j 12.5
7.5 - j 4.5
1.7 GHz
9.0 + j 12.0
9.0 - j 6.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com