Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR6225L-XX-AF5-F-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UR6225L-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AF5-F-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UR6225L-XX-AF5-F-R Datasheet HTML 3Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 10Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 19
www.unisonic.com.tw
QW-R502-030,G
ELECTRICAL CHARACTERISTICS(Cont.) (Ta=25 ,
℃
unless otherwise specified)
UR6225-2.5V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=40mA, VIN=3.5V
2.45
2.500
2.55
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.5V, VOUT(E)≥2.25V
125
mA
Load Stability
1
V
△ OUT
VIN=3.5V
1mA≤IOUT≤70mA
45
90
mV
1
VDIF1
IOUT=70mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=140mA
400
700
mV
Supply Current
2
ISS
VIN=3.5V
2.0
4.5
µA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
3.5V≤VIN≤10.0V
0.2
0.3
%/V
Input Voltage
VIN
10
V
Thermal Shutdown
150
℃
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR ×VOUT
IOUT=40mA
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃
UR6225-2.1V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=40mA, VIN=3.1V
2.058 2.100 2.142
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.1V, VOUT(E)≥1.89V
125
mA
Load Stability
1
△
VOUT
VIN=3.1V
1mA≤IOUT≤62mA
45
90
mV
1
VDIF1
IOUT=62mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=124mA
400
700
mV
Supply Current
2
ISS
VIN=3.1V
2.0
4.5
µA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
3.1V≤VIN≤10.0V
0.2
0.3
%/V
Input Voltage
VIN
10
V
Thermal Shutdown
150
℃
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR×VOUT
IOUT=40mA
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃
UR6225-2.0V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=40mA, VIN=3.0V
1.960 2.000 2.040
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.0V, VOUT(E)≥1.8V
100
mA
Load Stability
1
△
VOUT
VIN=3.0V
1mA≤IOUT≤60mA
45
90
mV
1
VDIF1
IOUT=60mA
180
360
mV
Input-Output Voltage
Differential(Note3)
1
VDIF2
IOUT=120mA
400
700
mV
Supply Current
2
ISS
VIN=3.0V
2.0
4.5
µA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
3.0V≤VIN≤10.0V
0.2
0.3
%/V
Input Voltage
VIN
10
V
Thermal Shutdown
150
℃
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR×VOUT
IOUT=40mA
-40 ≤T
℃
OPR≤85℃
±100
ppm/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com