Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR6225L-XX-AF5-F-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR6225L-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AF5-F-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR6225L-XX-AF5-F-R Datasheet HTML 1Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 2Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 3Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR6225
CMOS IC
www.unisonic.com.tw
1 of 19
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R502-030,G
POSITIVE VOLTAGE
REGULATOR
DESCRIPTION
The UTC UR6225 is a positive voltage output, three-pin regulator,
that provide a high current even when the input/output voltage
differential is small. Low power consumption and high accuracy is
achieved through CMOS and laser trimming technologies.
The UTC UR6225 consists of a high-precision voltage reference,
an error amplification circuit, and a current limited output driver.
Transient response to load variations have improved in comparison
to the existing series.
FEATURES
* Maximum output current: 250mA
(within max. power dissipation, VOUT = 5.0V)
* Output voltage range: 1.2V ~ 6.0V in 0.1V increments
(1.2V ~ 1.9V for custom products)
* Highly accurate: output voltage ±2%
(±1% for semi-custom products)
* Low power consumption: Typ. 2.0µA @ VOUT=5.0V
* Output voltage temperature characteristics :
Typ. ±100ppm/℃
* Input stability : Typ. 0.2%/V
* Small input-output differential :
IOUT = 100mA @ VOUT = 5.0V with a 0.12V differential.
* Over temperature protection
TO-92
1
SOT-23
1
2
3
1
SOT-89
SOT-25
4
5
3 2
1
*Pb-free plating product number: UR6225L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
12
3
4
5
Packing
UR6225-xx-AB3-C-R
UR6225L-xx-AB3-C-R
SOT-89
GI
O
-
-
Tape Reel
UR6225-xx-AE3-3-R
UR6225L-xx-AE3-3-R
SOT-23
OG
I
-
-
Tape Reel
UR6225-xx-AF5-F-R
UR6225L-xx-AF5-F-R
SOT-25
GI
O
N
N
Tape Reel
UR6225-xx-T92-C-K
UR6225L-xx-T92-C-K
TO-92
GI
O
-
-
Bulk
UR6225-xx-T92-C-B
UR6225L-xx-T92-C-B
TO-92
GI
O
-
-
Tape Box
Note:
Pin Assignment: I:VIN O:VOUT G:VSS N: No Connection
xx: Output Voltage, refer to Marking Information.
UR6225L-xx-AB3-C-R
(1)Packing Type
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(2)Pin Assignment
(1) R:Tape Reel, K:Bulk, B:Tape Box
(2) refer to Pin Assignment
(3) AB3:SOT-89, AE3:SOT-23, AF5:SOT-25, T92:TO-92
(4) xx:refer to Marking Information
(5) L:Lead Free Plating, Blank:Pb/Sn


Similar Part No. - UR6225L-XX-AF5-F-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225L-XX-AF5-F-R UTC-UR6225L-XX-AF5-F-R Datasheet
463Kb / 16P
POSITIVE VOLTAGE REGULATOR
UR6225L-XX-AF5-F-R UTC-UR6225L-XX-AF5-F-R Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6225L-XX-AF5-F-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com