Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSPT-187-2-WT-R Datasheet(PDF) 11 Page - Brady Worldwide, Inc.

Part # PSPT-187-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-187-2-WT-R Datasheet(HTML) 11 Page - Brady Worldwide, Inc.

Back Button PSPT-187-2-WT-R Datasheet HTML 7Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 8Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 9Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 10Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 11Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
11
3:1 heat shrinkable sleeve fits snuggly around wire for identification and
protection. Fade resistant and flame retardant. Meets the following material
and physical property specifications:
• SAE-AMS-DTL-23053/5C (Class 1)
• SAE-AS-81531
• MIL-STD-202
• RoHS Compliant
• UL Recognized
Approx. wire gauge based on AWG for THHN wire.
Diagram Catalog Number
Color
Approx.
Wire Gauge
Range of Wire Diameter
Inch (mm)
Min.
Max.
Supplied
Diameter B
Inch (mm)
Sleeve
Length A
Inch (mm)
Recovered
Diameter
Inch (mm)
Recovered Wall
Thickness
Inch (mm)
Sleeves
Per Roll Rec. Ribbon
Fig. 44 PSPT-094-1-WT
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
1.015 (25.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-94-1-342
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
1.015 (25.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 2500
M61-R4310
Fig. 44 PSPT-094-175-WT
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
1.765 (44.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-94-175-342
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
1.765 (44.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 2500
M61-R4310
Fig. 77 PSPT-094-2-WT-R
White
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
2.000 (50.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-094-2-YL-R
Yellow
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
2.000 (50.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-094-2-BK-R
Black
28 to 20
0.023 (0.6) - 0.080 (2.0)
0.094 (2.4)
2.000 (50.8)
0.024 (0.6)
.024 (0.6) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-125-1-WT
White
22 to 16
0.046 (1.2) - 0.110 (2.8)
0.125 (3.2)
1.015 (25.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-125-1-342
White
22 to 16
0.046 (1.2) - 0.110 (2.8)
0.125 (3.2)
1.015 (25.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 1000
M61-R4310
Fig. 44 PSPT-125-175-WT
White
22 to 16
0.046 (1.2) - 0.110 (2.8)
0.125 (3.2)
1.765 (44.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-125-175-342
White
22 to 16
0.046 (1.2) - 0.110 (2.8)
0.125 (3.2)
1.765 (44.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 1000
M61-R4310
Fig. 77 PSPT-125-2-WT-R
White
22 to 16
0.023 (0.5) - 0.080 (2.0)
0.125 (3.2)
2.000 (50.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-125-2-YL-R
Yellow
22 to 16
0.023 (0.5) - 0.080 (2.0)
0.125 (3.2)
2.000 (50.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-125-2-BK-R
Black
22 to 16
0.023 (0.5) - 0.080 (2.0)
0.125 (3.2)
2.000 (50.8)
0.047 (1.2)
.020 (0.5) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-187-1-WT
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
1.015 (25.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-187-1-342
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
1.015 (25.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 1000
M61-R4310
Fig. 44 PSPT-187-175-WT
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
1.765 (44.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-187-175-342
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
1.765 (44.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 1000
M61-R4310
Fig. 77 PSPT-187-2-WT-R
White
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
2.000 (50.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-187-2-YL-R
Yellow
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
2.000 (50.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-187-2-BK-R
Black
20 to 10
0.062 (1.6) - 0.150 (3.8)
0.187 (4.7)
2.000 (50.8)
0.062 (1.6)
.020 (0.5) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-250-1-WT
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
1.015 (25.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-250-1-342
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
1.015 (25.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 44 PSPT-250-175-WT
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
1.765 (44.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-250-175-342
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
1.765 (44.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 77 PSPT-250-2-WT-R
White
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
2.000 (50.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-250-2-YL-R
Yellow
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
2.000 (50.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-250-2-BK-R
Black
16 to 8
0.094 (2.4) - 0.215 (5.5)
0.250 (6.4)
2.000 (50.8)
0.093 (2.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-375-1-WT
White
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
1.015 (25.8)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-375-1-342
White
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
1.015 (25.8)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 44 PSPT-375-175-WT
White
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
1.765 (44.8)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-375-175-342
White
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
1.765 (44.8)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 77 PSPT-375-2-WT-R
White
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
0.645 (16.4)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-375-2-YL-R
Yellow
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
0.645 (16.4)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-375-2-BK-R
Black
12 to 4
0.125 (3.2) - 0.320 (8.13)
0.375 (9.5)
0.645 (16.4)
0.125 (3.1)
.025 (0.6) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-500-1-WT
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
1.015 (25.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-500-1-342
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
1.015 (25.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 44 PSPT-500-175-WT
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
1.765 (44.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 100
M61-R4310
Fig. 44 BM71-500-175-342
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
1.765 (44.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 1000
M61-R4310
Fig. 77 PSPT-500-2-WT-R
White
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
2.000 (50.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-500-2-YL-R
Yellow
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
2.000 (50.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-500-2-BK-R
Black
8 to 1
0.187 (4.8) - 0.450 (11.4)
0.500 (12.7)
2.000 (50.8)
0.187 (4.7)
.025 (0.6) ± .003 (0.07) 70
M61-R4410-WT
Fig. 77 PSPT-750-2-WT-R
White
6 to 4/10
0.250 (6.4) - 0.700 (17.8)
0.750 (19.5)
2.000 (50.8)
0.250 (6.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-750-2-YL-R
Yellow
6 to 4/10
0.250 (6.4) - 0.700 (17.8)
0.750 (19.5)
2.000 (50.8)
0.250 (6.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-750-2-BK-R
Black
6 to 4/10
0.250 (6.4) - 0.700 (17.8)
0.750 (19.5)
2.000 (50.8)
0.250 (6.4)
.025 (0.6) ± .003 (0.07) 70
M61-R4410-WT
Fig. 44 PSPT-1000-1-WT
White
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
1.015 (25.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 50
M61-R4310
Fig. 44 PSPT-1000-175-WT
White
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
1.765 (44.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 50
M61-R4310
Fig. 44 BM71-1000-175-342
White
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
1.765 (44.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 500
M61-R4310
Fig. 77 PSPT-1000-2-WT-R
White
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
2.000 (50.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-1000-2-YL-R
Yellow
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
2.000 (50.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 70
M61-R4310
Fig. 77 PSPT-1000-2-BK-R
Black
2 to 0.95
0.333 (8.5) - 0.950 (24.1)
1.000 (25.4)
2.000 (50.8)
0.375 (9.5)
.036 (0.9) ± .003 (0.07) 70
M61-R4410-WT
Wire & Cable Materials
PermaSleeve® Single-Sided Polyolefin Wire Marking Sleeves
B-342 Heat-Shrinkable Sleeve Material
B = Supplied Diameter
A = Sleeve Width
A
B
(Ø diameter)
Figure 77
Figure 44
B = Supplied Diameter
A = Sleeve Width
A
B
(Ø diameter)
Tested per:
• ASTM E162
• ASTM E662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com