Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSPT-187-2-WT-R Datasheet(PDF) 15 Page - Brady Worldwide, Inc.

Part # PSPT-187-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-187-2-WT-R Datasheet(HTML) 15 Page - Brady Worldwide, Inc.

Back Button PSPT-187-2-WT-R Datasheet HTML 11Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. PSPT-187-2-WT-R Datasheet HTML 19Page - Brady Worldwide, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
15
Figure 40
A
C
B
D
Figure 33
A
B
Figure 34
A
B
Figure 54
A
B
Figure 29
A
B
Diagram
Catalog Number
B-#
Material
Color
Label Width A
Inch (mm)
Label Height B
Inch (mm)
Labels
Per Row
Labels
Per Pkg
Rec.
Ribbon
Fig. 34
PTL-39-422
B-422
Polyester
White
0.375 (9.5)
0.600 (15.2)
1
750
M61-R6010
Fig. 33
PTL-46-422
B-422
Polyester
White
0.375 (9.5)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-44-422
B-422
Polyester
White
0.500 (12.7)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
PTL-7-422
B-422
Polyester
White
0.500 (12.7)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-5-422
B-422
Polyester
White
0.500 (12.7)
0.200 (5.1)
1
750
M61-R6010
Fig. 33
PTL-8-422
B-422
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-16-422
B-422
Polyester
White
1.000 (25.4)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
PTL-17-422
B-422
Polyester
White
1.000 (25.4)
0.500 (12.7)
1
500
M61-R6010
Fig. 40
PTPSL-17-422
B-422
Polyester
White
1.000 (25.4)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-19-422
B-422
Polyester
White
1.000 (25.4)
1.000 (25.4)
1
250
M61-R6010
Fig. 33
PTL-42-422
B-422
Polyester
White
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-29-422
B-422
Polyester
White
1.050 (38.1)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-45-422
B-422
Polyester
White
1.050 (38.1)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
PTL-30-422
B-422
Polyester
White
1.500 (38.1)
0.750 (19.1)
1
250
M61-R6010
Fig. 29
PTL-32-422
B-422
Polyester
White
1.500 (38.1)
1.500 (38.1)
1
250
M61-R6010
Fig. 54
PTL-35-422-PROP
B-422
Polyester
Black on Silver
1.630 (41.4)
0.750 (19.1)
1
250
M61-R6010
Fig. 33
PTL-43-422
B-422
Polyester
White
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-20-422
B-422
Polyester
White
2.000 (50.8)
1.000 (25.4)
1
100
M61-R6010
Fig. 40
PTPSL-20-422
B-422
Polyester
White
2.000 (50.8)
1.000 (25.4)
1
100
M61-R6010
Fig. 40
PTPSL-26-422
B-422
Polyester
White
2.750 (69.9)
1.250 (31.8)
1
100
M61-R6010
Fig. 29
PTL-22-422
B-422
Polyester
White
3.000 (76.2)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-37-422
B-422
Polyester
White
3.000 (76.2)
1.900 (48.3)
1
100
M61-R6010
Fig. 40
PTPSL-50-422
B-422
Polyester
White
3.000 (76.2)
1.650 (41.9)
1
100
M61-R6010
Fig. 29
PTL-23-422
B-422
Polyester
White
4.000 (101.6)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-38-422
B-422
Polyester
White
4.000 (101.6)
1.900 (48.3)
1
100
M61-R6010
Polyester
B-422 Solvent-Resistant Polyester Material
White label stock with glossy finish and 2 mils of adhesive
for rough surface applications, including low surface energy
plastics. Designed to withstand solvent exposure. UL rated
for surfaces commonly used in solar panel manufacturing.
Also used for component identification, barcoding, asset and
inventory tracking.
Asset Tracking Materials
BMP®61 Magnet Accessory
(Catalog Number: BMP-MAGNET-1)
The heavy-duty magnet accessory*
allows you to go hands-free with your
BMP®61 printer. Simply attach the
magnet to the back of your printer and
then stick it to any magnetized surface.
*Sold separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com