Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL040CIVS/NO.A Datasheet(PDF) 26 Page - Texas Instruments

Part # ADC12DL040CIVS/NO.A
Description  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040CIVS/NO.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC12DL040CIVS/NO.A Datasheet HTML 22Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 23Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 24Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 25Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 26Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 27Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 28Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 29Page - Texas Instruments ADC12DL040CIVS/NO.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ADC12DL040
CHOKE
2x 0.1 PF
2x 0.1 PF
DB7
53
DB6
52
DB5
47
DB4
46
DB11
57
DB10
56
DB9
55
DB8
54
DB3
45
DB2
44
DB1
43
DB0/ABb
42
3x 0.1 PF
7
V
REF
+
10 PF
+3.0V
T2
4
6
3
2
T4-6T
0.1 PF
51
51
0.1 PF
1
**
V
IN_A
VINA-
VINA+
16
15
330
330
4
5
6
V
RMB
V
RPB
V
RNB
T2
4
6
3
2
T4-6T
0.1 PF
51
51
0.1 PF
1
**
V
IN_B
VINB-
VINB+
1
2
47
DF/DCS
CLK
Clock In
DF/DCS
60
21
MULTIPLEX
11
OEA
OEA
22
OEB
OEB
41
PD
PD
59
DA7
35
DA6
34
DA5
29
DA4
28
DA11
39
DA10
38
DA9
37
DA8
36
DA3
27
DA2
26
DA1
25
DA0
24
12x100:
D1
2
D2
3
D3
4
D4
5
D5
6
D6
7
D7
8
D8
9
CLK
11
OE
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
19
18
17
16
15
14
13
12
74ACT574
D1
2
D2
3
D3
4
D4
5
D5
6
D6
7
D7
8
D8
9
CLK
11
OE
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
19
18
17
16
15
14
13
12
74ACT574
Channel A
Output Word
See
Text
39 pF
39 pF
39 pF
39 pF
14
13
12
V
RMA
V
RP A
V
RNA
1k
0.1 PF
0.1 PF
10 PF
0.1 PF
0.1 PF
10 PF
0.1 PF
0.1 PF
Multiplex
D1
2
D2
3
D3
4
D4
5
D5
6
D6
7
D7
8
D8
9
CLK
11
OE
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
19
18
17
16
15
14
13
12
74ACT574
D1
2
D2
3
D3
4
D4
5
D5
6
D6
7
D7
8
D8
9
CLK
11
OE
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
19
18
17
16
15
14
13
12
74ACT574
Channel B
Output Word
***
***
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
** – May be replaced by Ckt in Figure 39.
*** – The delay through the inverters should be adjusted to allow the correct setup and hold time for the latches.
Figure 38. Application Circuit using Transformer or Differential Op-Amp Drive Circuit, Multiplex mode
26
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com