Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7822PC Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7822PC
Description  12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7822PC Datasheet(HTML) 5 Page - Texas Instruments

  ADS7822PC Datasheet HTML 1Page - Texas Instruments ADS7822PC Datasheet HTML 2Page - Texas Instruments ADS7822PC Datasheet HTML 3Page - Texas Instruments ADS7822PC Datasheet HTML 4Page - Texas Instruments ADS7822PC Datasheet HTML 5Page - Texas Instruments ADS7822PC Datasheet HTML 6Page - Texas Instruments ADS7822PC Datasheet HTML 7Page - Texas Instruments ADS7822PC Datasheet HTML 8Page - Texas Instruments ADS7822PC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
PIN CONFIGURATION
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
-In
GND
ADS7822
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
D, DGK, OR P PACKAGE
SO, MSOP, or DIP
(TOP VIEW)
PIN ASSIGNMENTS
PIN
DESCRIPTION
NAME
NO.
VREF
1
Reference input
+In
2
Noninverting input
–In
3
Inverting input. Connect to ground or to remote ground sense point.
GND
4
Ground
CS/SHDN
5
Chip select when low; Shutdown mode when high.
The serial output data word is comprised of 12 bits of data. In operation, the data are valid on the falling edge of DCLOCK. The
DOUT
6
second clock pulse after the falling edge of CS enables the serial output. After one null bit, the data are valid for the next edges.
DCLOCK
7
Data clock synchronizes the serial data transfer and determines conversion speed.
+VCC
8
Power supply
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com