Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7822PC Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7822PC
Description  12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7822PC Datasheet(HTML) 1 Page - Texas Instruments

  ADS7822PC Datasheet HTML 1Page - Texas Instruments ADS7822PC Datasheet HTML 2Page - Texas Instruments ADS7822PC Datasheet HTML 3Page - Texas Instruments ADS7822PC Datasheet HTML 4Page - Texas Instruments ADS7822PC Datasheet HTML 5Page - Texas Instruments ADS7822PC Datasheet HTML 6Page - Texas Instruments ADS7822PC Datasheet HTML 7Page - Texas Instruments ADS7822PC Datasheet HTML 8Page - Texas Instruments ADS7822PC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
BurrBrown Products
from Texas Instruments
ADS7822
ADS7822
1
FEATURES
DESCRIPTION
APPLICATIONS
SAR
Control
Serial
Interface
D
OUT
Comparator
S/HAmp
CS/SHDN
DCLOCK
+In
V
REF
-In
CDAC
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
12-Bit, 200kHz, microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
2
• 200kHz Sampling Rate
• microPower:
The ADS7822 is a 12-bit sampling analog-to-digital
(A/D) converter with ensured specifications over a
1.6mW at 200kHz
2.7V to 5.25V supply range. It requires very little
0.54mW at 75kHz
power even when operating at the full 200kHz rate. At
0.06mW at 7.5kHz
lower conversion rates, the high speed of the device
• Power Down: 3μA max
enables
it
to
spend
most
of
its
time
in
the
• Mini-DIP-8, SO-8, and MSOP-8 Packages
power-down mode—the power dissipation is less
than 60
μW at 7.5kHz.
• Pseudo-Differential Input
• Serial Interface
The ADS7822 also features operation from 2.0V to
5V,
a
synchronous
serial
interface,
and
a
pseudo-differential input. The reference voltage can
be set to any level within the range of 50mV to VCC.
• Battery-Operated Systems
Ultra low power and small size make the ADS7822
• Remote Data Acquisition
ideal for battery-operated systems. It is also a perfect
• Isolated Data Acquisition
fit for remote data-acquisition modules, simultaneous
• Simultaneous Sampling, Multichannel Systems
multichannel systems, and isolated data acquisition.
The ADS7822 is available in a plastic mini-DIP-8, an
SO-8, or an MSOP-8 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7822PC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7822PC TI-ADS7822PC Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822PC TI1-ADS7822PC Datasheet
1Mb / 28P
ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7822PC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com