Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1613-I/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F1613-I/P
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613-I/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F1613-I/P Datasheet HTML 35Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 36Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 37Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 38Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 39Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 40Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 41Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 42Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 396 page
background image
Bank 27
D80h
to
D8Bh
—
Unimplemented
—
—
D8Ch
SMT1TMRL
SMT1TMR<7:0>
0000 0000
0000 0000
D8Dh
SMT1TMRH
SMT1TMR<15:8>
0000 0000
0000 0000
D8Eh
SMT1TMRU
SMT1TMR<23:16>
0000 0000
0000 0000
D8Fh
SMT1CPRL
SMT1CPR<7:0>
xxxx xxxx
xxxx xxxx
D90h
SMT1CPRH
SMT1CPR<15:8>
xxxx xxxx
xxxx xxxx
D91h
SMT1CPRU
SMT1CPR<23:16>
xxxx xxxx
xxxx xxxx
D92h
SMT1CPWL
SMT1CPW<7:0>
xxxx xxxx
xxxx xxxx
D93h
SMT1CPWH
SMT1CPW<15:8>
xxxx xxxx
xxxx xxxx
D94h
SMT1CPWU
SMT1CPW<23:16>
xxxx xxxx
xxxx xxxx
D95h
SMT1PRL
SMT1PR<7:0>
xxxx xxxx
xxxx xxxx
D96h
SMT1PRH
SMT1PR<15:8>
xxxx xxxx
xxxx xxxx
D97h
SMT1PRU
SMT1PR<23:16>
xxxx xxxx
xxxx xxxx
D98h
SMT1CON0
EN
—
STP
WPOL
SPOL
CPOL
SMTxPS<1:0>
0-00 0000
0-00 0000
D99h
SMT1CON1
SMTxGO
REPEAT
—
—
MODE<3:0>
00-- 0000
00-- 0000
D9Ah
SMT1STAT
CPRUP
CPWUP
RST
—
—TS
WS
AS
000- -000
000- -000
D9Bh
SMT1CLK
—
—
—
—
—
CSEL<2:0>
---- -000
---- -000
D9Ch
SMT1SIG
—
—
—
—
SSEL<3:0>
---- 0000
---- 0000
D9Dh
SMT1WIN
—
—
—
—
—
WSEL<2:0>
---- -000
---- -000
D9Eh
SMT2TMRL
SMT2TMR<7:0>
0000 0000
0000 0000
D9Fh
SMT2TMRH
SMT2TMR<15:8>
0000 0000
0000 0000
DA0h
SMT2TMRU
SMT2TMR<23:16>
0000 0000
0000 0000
DA1h
SMT2CPRL
SMT2CPR<7:0>
xxxx xxxx
xxxx xxxx
DA2h
SMT2CPRH
SMT2CPR<15:8>
xxxx xxxx
xxxx xxxx
DA3h
SMT2CPRU
SMT2CPR<23:16>
xxxx xxxx
xxxx xxxx
DA4h
SMT2CPWL
SMT2CPW<7:0>
xxxx xxxx
xxxx xxxx
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Legend: x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC12F1612/16F1613 only.
2:
Unimplemented, read as ‘1’.
3:
PIC12(L)F1612 only.
4:
PIC16(L)F1613 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com