Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1613-I/P Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F1613-I/P
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613-I/P Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F1613-I/P Datasheet HTML 51Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 52Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 53Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 54Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 55Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 56Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 57Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 58Page - Microchip Technology PIC16F1613-I/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 55
PIC12(L)F1612/16(L)F1613
bit 4-0
WDTCPS<4:0>:
WDT Configuration Period Select bits
Note 1:
A window delay of 12.5% is only available in Software Control mode via the WDTCON1 register.
REGISTER 4-3:
CONFIG3: CONFIGURATION WORD 3 (CONTINUED)
WDTCPS
<4:0>
WDTPS at POR
Software
control of
WDTPS
Value
Divider Ratio
Typical
time out
(FIN =31kHz)
11111
01011
1:65536
216
2s
Yes
Default
fuse = 11111
10011
...
11110
10011
...
11110
1:32
25
1ms
No
10010
10010
1:8388608
223
256 s
No
10001
10001
1:4194304
222
128 s
10000
10000
1:2097152
221
64 s
01111
01111
1:1048576
220
32 s
01110
01110
1:524299
219
16 s
01101
01101
1:262144
218
8s
01100
01100
1:131072
217
4s
01011
01011
1:65536
216
2s
01010
01010
1:32768
215
1s
01001
01001
1:16384
214
512 ms
01000
01000
1:8192
213
256 ms
00111
00111
1:4096
212
128 ms
00110
00110
1:2048
211
64 ms
00101
00101
1:1024
210
32 ms
00100
00100
1:512
29
16 ms
00011
00011
1:256
28
8ms
00010
00010
1:128
27
4ms
00001
00001
1:64
26
2ms
00000
00000
1:32
25
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com