Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA170EA/2K5.A Datasheet(PDF) 2 Page - Texas Instruments

Part # INA170EA/2K5.A
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA170EA/2K5.A Datasheet(HTML) 2 Page - Texas Instruments

  INA170EA/2K5.A Datasheet HTML 1Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 2Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 3Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 4Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 5Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 6Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 7Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 8Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INA170
2
SBOS193D
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage, V+ to GND ................................................. –0.3V to 40V
Analog Inputs, Common Mode(2) ......................................... –0.3V to 75V
Differential (VIN
+ ) – (V
IN
– ) .................................. –40V to 2V
Analog Output, Out(2) ........................................................... –0.3V to 40V
Input Current Into Any Pin ............................................................... 10mA
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) The input voltage at any pin may exceed the voltage shown if the current
at that pin is limited to 10mA.
ABSOLUTE MAXIMUM RATINGS(1)
PIN
DESIGNATOR
DESCRIPTION
1VIN
–
Inverting Input
2VIN
+
Noninverting Input
3VREF
Reference Voltage Input
4
GND
Ground
5ROS
Offset Resistor
6
OUT
Output
7
NC
No Connection
8
V+
Supply Voltage
PIN CONFIGURATION
TOP VIEW
MSOP
PIN DESCRIPTION
V
IN
V
IN
V
REF
GND
V+
NC
OUT
R
OS
1
2
3
4
8
7
6
5
–
+
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA170EA
MSOP-8
DGK
–40
°C to +85°C
INA170EA
INA170EA/250
Tape and Reel, 250
""
"
"
"
INA170EA/2K5
Tape and Reel, 2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com