Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA170EA/2K5.A Datasheet(PDF) 8 Page - Texas Instruments

Part # INA170EA/2K5.A
Description  High-Side, Bidirectional CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA170EA/2K5.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA170EA/2K5.A Datasheet HTML 4Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 5Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 6Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 7Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 8Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 9Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 10Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 11Page - Texas Instruments INA170EA/2K5.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INA170
8
SBOS193D
www.ti.com
FIGURE 5. Bipolar Current Measurement.
Load
4
5
1
V
REF
2
3
0.0125
Ω
GND
R
OS
OUT
V+
INA170
28V
+2.5V
I
S = ±10A
I
OS = 125µA
I
O = 125µA ± 125µA
V
OUT = 0 to +2.5V Full-Scale
20k
Ω
6
R
L
10k
Ω
+5V
0.1
µF
8
∆V =
±125mV
Full-Scale
V
IN
V
IN
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com