Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP244P Datasheet(PDF) 40 Page - Power Integrations, Inc.

Part # TOP244P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP244P Datasheet(HTML) 40 Page - Power Integrations, Inc.

Back Button TOP244P Datasheet HTML 36Page - Power Integrations, Inc. TOP244P Datasheet HTML 37Page - Power Integrations, Inc. TOP244P Datasheet HTML 38Page - Power Integrations, Inc. TOP244P Datasheet HTML 39Page - Power Integrations, Inc. TOP244P Datasheet HTML 40Page - Power Integrations, Inc. TOP244P Datasheet HTML 41Page - Power Integrations, Inc. TOP244P Datasheet HTML 42Page - Power Integrations, Inc. TOP244P Datasheet HTML 43Page - Power Integrations, Inc. TOP244P Datasheet HTML 44Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
TOP242-250
M
12/04
40
Figure 54a. Current Limit vs. X or M Pin Current (see Figures 55a and 56a for TOP245P and TOP246P).
The following precautions should be followed when testing
TOPSwitch-GX
by itself outside of a power supply. The
schematicshowninFigure53issuggestedforlaboratorytesting
of TOPSwitch-GX.
When the DRAIN pin supply is turned on, the part will be
in the auto-restart mode. The CONTROL pin voltage will be
oscillating at a low frequency between 4.8 V and 5.8 V and
the drain is turned on every eigth cycle of the CONTROL pin
oscillation. If the CONTROL pin power supply is turned on
while in this auto-restart mode, there is only a 12.5% chance
that the CONTROL pin oscillation will be in the correct state
(drainactivestate)sothatthecontinuousdrainvoltagewaveform
may be observed. It is recommended that the V
C power supply
be turned on first and the DRAIN pin power supply second if
continuous drain voltage waveforms are to be observed. The
12.5% chance of being in the correct state is due to the divide-
by-8 counter. Temporarily shorting the CONTROL pin to the
SOURCE pin will reset TOPSwitch-GX, which then will come
up in the correct state.
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
Typical Performance Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
60
40
80
100
120
140
160
180
200
-250
-200
-150
-100
-50
IX or IM (µA)
PI-2653-031904
0
Scaling Factors:
TOP242 P/G/Y/R/F: .45
TOP243 P/G:
.75
TOP243 Y/R/F:
.90
TOP244 P/G:
1
TOP244 Y/R/F:
1.35
TOP245 Y/R/F:
1.80
TOP246 Y/R/F:
2.70
TOP247 Y/R/F:
3.60
TOP248 Y/R/F
4.50
TOP249 Y/R/F:
5.40
TOP250 Y/R/F:
6.32
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
60
40
80
100
120
140
160
180
200
0
5K
10K
15K
20K
25K
30K
35K
40K
External Current Limit Resistor RIL (Ω)
PI-2652-042303
45K
Maximum and minimum levels
are based on characterization.
Minimum
Typical
Maximum
Scaling Factors:
TOP242 P/G/Y/R/F: .45
TOP243 P/G:
.75
TOP243 Y/R/F:
.90
TOP244 P/G:
1
TOP244 Y/R/F:
1.35
TOP245 Y/R/F:
1.80
TOP246 Y/R/F:
2.70
TOP247 Y/R/F:
3.60
TOP248 Y/R/F
4.50
TOP249 Y/R/F:
5.40
TOP250 Y/R/F:
6.32
Figure 54b. Current Limit vs. External Current Limit Resistance (see Figures 55b and 56b for TOP245P and
TOP246P).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com