Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP244P Datasheet(PDF) 51 Page - Power Integrations, Inc.

Part # TOP244P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP244P Datasheet(HTML) 51 Page - Power Integrations, Inc.

Back Button TOP244P Datasheet HTML 44Page - Power Integrations, Inc. TOP244P Datasheet HTML 45Page - Power Integrations, Inc. TOP244P Datasheet HTML 46Page - Power Integrations, Inc. TOP244P Datasheet HTML 47Page - Power Integrations, Inc. TOP244P Datasheet HTML 48Page - Power Integrations, Inc. TOP244P Datasheet HTML 49Page - Power Integrations, Inc. TOP244P Datasheet HTML 50Page - Power Integrations, Inc. TOP244P Datasheet HTML 51Page - Power Integrations, Inc. TOP244P Datasheet HTML 52Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
TOP242-250
51
M
12/04
Revision Notes
Date
D
-
11/00
E
1) Added R package (D2PAK).
2) Corrected abbreviations (s = seconds).
3) Corrected x-axis units in Figure 11 (µA).
4) Added missing external current limit resistor in Figure 25 (R
IL).
5) Corrected spelling.
6) Added caption for Table 4.
7) Corrected Breakdown Voltage parameter condition (T
J = 25 °C).
8) Corrected font sizes in figures.
9) Figure 40 replaced.
10) Corrected schematic component values in Figure 44.
7/01
F
1) Corrected Power Table value.
9/01
G
1) Added TOP250 device and F package (TO-262).
2) Added R package Thermal Impedance parameters and adjusted Output Power values in Table 1.
3) Adjusted Off-State Current value.
1/02
H
1) Added note to parameter table for Breakdown Voltage measurement.
2) Miscellaneous text corrections.
9/02
I
1) Updated P, Y, R and F package information.
2) Revised thermal impedances (θ
JA) for all package types.
3) Expanded Maximum Duty Cycle and deleted Maximum Duty Cycle Reduction Slope parameters.
4) Corrected DIP-8B and SMD-8B Package Drawings.
4/03
J
1) Added TOP245P.
2) Miscellaneous text corrections.
8/03
K
1) Corrected typographic errors in Figures 4, 6, 20, 28 and 34; and in MULIT-FUNCTION (M) Pin
Operation section.
9/03
L
1) Added TOP246P.
3/04
M
1) Added lead-free ordering information.
12/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com