Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2611AMF/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2611AMF/NOPB.B
Description  LM2611 1.4-MHz Cuk Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2611AMF/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2611AMF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 14Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 15Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 16Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CIN: VISHAY/SPRAGUE 595D226X0020C2T
CCUK: TAIYO YUDEN X5R LMK212BJ105MG
COUT: TAIYO YUDEN X5R JMK325BJ226MM
D: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CLS62-220 or MURATA LZH3C220 (UNCOUPLED)
L1A
22PH
CCUK
2.2PF
COUT
22PF
L1B
22PH
VIN
12V
VOUT-5V
375mA
VDD
5V
D
CFF
1000pF
RFB1
29.4k
RFB2
10k
VIN
SW
NFB
GND
SHDN
LM2611A
1
2
3
4
5
CIN
22PF
LM2611
www.ti.com
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2611 is a Cuk controller with an integrated switch. The following section provides an approach to sizing
the components for the target application and shows some typical examples of applications to help the designer.
8.2 Typical Application
8.2.1 Cuk Converter With Integrated Switch
Figure 21. Typical Cuk Converter Implementation Using LM26211
8.2.1.1 Design Requirements
The first variables needed are the output voltage and the input voltage range (min to max). The input voltage
range ensures that the IC is suitable for the application and that the absolute maximum voltage are respected.
The expected maximum output current is also needed to verify that the IC can deliver the required current.
8.2.1.2 Detailed Design Procedure
The first components to choose are the power inductors. Typically a smaller inductance yields a smaller solution
footprint and lower cost but the higher ripple makes a smaller inductance not compatible with every application.
Due to the internal compensation, TI recommends a 10-µH to 22-µH inductor. Try to choose the inductors so that
the peak-to-peak ripple is lower than 0.3 A of the average current by using Equation 3 and Equation 5.
Using the maximum output current and the input voltage range, calculate the worst case peak current in the
switch using Equation 6. If the peak current is above the peak current limit for this part, consider increasing the
inductance and re-calculate. If the inductance is above 22 µH for each inductor, the designer will have to pay
special attention to stability over the extended range of operation (it's always a good practice to do so even if the
inductance is within the recommended range).
Using the desired output voltage, calculate the value of the feedback resistors. The reference voltage is 1.23 V.
Resistors of 50 k
Ω or less must be used due to the leakage at the NFB pin.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com