Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2611AMF/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2611AMF/NOPB.B
Description  LM2611 1.4-MHz Cuk Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2611AMF/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2611AMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2611AMF/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IN
CIN(RMS)
i
s 1
o
V
1
I
2 3
V
f L
1
V
=
æ
ö
+
ç
÷
ç
÷
è
ø
iSW(A)
IL1+ IL2
t
ICL
ISW
'iL1 +'iL2
iSW
SW(PEAK )
L1
L2
L1
L2
L1
L2
IN
S
OUT
1
2
i
i
i
I
I
i
i
V
D T
D
1
1
I
1
1-D
2
L
L
=
+
=
+
+ D
+ D
æ
ö
´ ´
æ
ö
=
´
+
+
´
+
ç
÷
ç
÷
è
ø
è
ø
IN
S
L1
1
V
D
T
i
2
L
´ ´
D
=
´
L1
L2
OUT
D
D
I
I
I
1-D
1-D
=
=
IN
S
L2
2
V
D
T
i
2
L
´ ´
D
=
´
LM2611
SNOS965J – JUNE 2001 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
(3)
(4)
(5)
Use these equations to choose correct core sizes for the inductors. The design of the LM2611's internal
compensation assumes L1 and L2 are equal to 10 to 22 µH, thus TI recommends staying within this range.
7.3.3 Switch Current Limit
The LM2611 incorporates a separate current limit comparator, making current limit independent of any other
variables. The current limit comparator measures the switch current versus a reference that represents current
limit. If at any time the switch current surpasses the current limit, the switch opens until the next switching period.
To determine the maximum load for a given set of conditions, both the input and output inductor currents must be
considered. The switch current is equal to iL1 + iL2, and is drawn in Figure 16. In summary, Equation 6 shows:
(6)
ISW(PEAK) must be less than the current limit (1.2 A typical), but will also be limited by the thermal resistivity of the
LM2611 device's 5-pin, SOT-23 package (
θJA = 265°C/W).
The peak value is equal to the sum of the average currents through L1 and L2 and the average-to-peak current
ripples through L1 and L2.
Figure 16. Switch Current Waveform in a Cuk Converter.
7.3.4 Input Capacitor
The input current waveform to a Cuk converter is continuous and triangular, as shown in Figure 14. The input
inductor insures that the input capacitor sees fairly low ripple currents. However, as the input inductor gets
smaller, the input ripple goes up. The RMS current in the input capacitor is shown in Equation 7.
(7)
The input capacitor should be capable of handling the RMS current. Although the input capacitor is not so critical
in a Cuk converter, a 10-µF or higher value good quality capacitor prevents any impedance interactions with the
input supply. TI recommends connecting a 0.1-µF or 1-µF ceramic bypass capacitor on the VIN pin (pin 5) of the
IC. This capacitor must be connected very close to pin 5 (within 0.2 inches).
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com