Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM319AM/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM319AM/NOPB
Description  LMx19 High Speed Dual Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM319AM/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM319AM/NOPB Datasheet HTML 14Page - Texas Instruments LM319AM/NOPB Datasheet HTML 15Page - Texas Instruments LM319AM/NOPB Datasheet HTML 16Page - Texas Instruments LM319AM/NOPB Datasheet HTML 17Page - Texas Instruments LM319AM/NOPB Datasheet HTML 18Page - Texas Instruments LM319AM/NOPB Datasheet HTML 19Page - Texas Instruments LM319AM/NOPB Datasheet HTML 20Page - Texas Instruments LM319AM/NOPB Datasheet HTML 21Page - Texas Instruments LM319AM/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
9.40
8.51
(
3.56)
STAND-OFF
0.86
0.71
5.84
2.92
8.51
7.75
5.72 MAX
4.70
4.19
1.02 MAX
10X 12.7 MIN
10X
0.53
0.41
1.02
0.25
STAND-OFF
UNCONTROLLED
LEAD DIA
1.397 MAX
1.14
0.74
36
TYP
TO-CAN - 5.72 mm max height
LME0010A
TRANSISTOR OUTLINE
4220604/B 09/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MO-006/TO-100.
0.25
C A
SEATING PLANE
1
2
3
4
5
6
7
10
8
9
SCALE 0.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com