Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM319AM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM319AM/NOPB
Description  LMx19 High Speed Dual Comparator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM319AM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM319AM/NOPB Datasheet HTML 1Page - Texas Instruments LM319AM/NOPB Datasheet HTML 2Page - Texas Instruments LM319AM/NOPB Datasheet HTML 3Page - Texas Instruments LM319AM/NOPB Datasheet HTML 4Page - Texas Instruments LM319AM/NOPB Datasheet HTML 5Page - Texas Instruments LM319AM/NOPB Datasheet HTML 6Page - Texas Instruments LM319AM/NOPB Datasheet HTML 7Page - Texas Instruments LM319AM/NOPB Datasheet HTML 8Page - Texas Instruments LM319AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
LM119, LM219, LM319
www.ti.com
SNOSBJ2B – AUGUST 2000 – REVISED JANUARY 2016
Product Folder Links: LM119 LM219 LM319
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1-
mA load. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input
impedance.
(2)
Output is pulled up to 15 V through a 1.4-kW resistor.
(3)
The response time specified is for a 100-mV input step with 5-mV overdrive.
5.4 Electrical Characteristics LM119, LM219
These specifications apply for VS = ±15 V, and the Ground pin at ground, and −55°C ≤ TA ≤ +125°C, unless otherwise stated.
With the LM219, all temperature specifications are limited to
−25°C ≤ TA ≤ +85°C. The offset voltage, offset current and bias
current specifications apply for any supply voltage from a single 5-V supply up to ±15-V supplies. Do not operate the device
with more than 16 V from ground to VS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage(1)
TA = 25°C, RS ≤ 5k
0.7
4
mV
Input Offset Current (1)
TA = 25°C
30
75
nA
Input Bias Current
TA = 25°C
150
500
nA
Voltage Gain
TA = 25°C
(2)
10
40
V/mV
Response Time(3)
TA = 25°C, VS = ±15 V
80
ns
Saturation Voltage
VIN ≤ −5 mV, IOUT = 25 mA
TA = 25°C
0.75
1.5
V
Output Leakage Current
VIN ≥ 5 mV, VOUT = 35 V
TA = 25°C
0.2
2
µA
Input Offset Voltage(1)
RS ≤ 5k
7
mV
Input Offset Current (1)
100
nA
Input Bias Current
1000
nA
Input Voltage Range
VS = ±15 V
–12
±13
+12
V
V+ = 5 V, V- = 0
1
3
Saturation Voltage
V+
≥ 4.5 V, V− = 0
VIN ≤ −6 mV, ISINK ≤ 3.2 mA
V
TA ≥ 0°C
0.23
0.4
TA ≤ 0°C
0.6
Output Leakage Current
VIN ≥ 5 mV, VOUT = 35 V, V
− = V
GND
= 0 V
1
10
µA
Differential Input Voltage
±5
V
Positive Supply Current
TA = 25°C, V
+ = 5 V, V− = 0
4.3
mA
Positive Supply Current
TA = 25°C, VS = ±15 V
8
11.5
mA
Negative Supply Current
TA = 25°C, VS = ±15 V
3
4.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com