Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP225YN Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP225YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP225YN Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP225YN Datasheet HTML 2Page - Power Integrations, Inc. TOP225YN Datasheet HTML 3Page - Power Integrations, Inc. TOP225YN Datasheet HTML 4Page - Power Integrations, Inc. TOP225YN Datasheet HTML 5Page - Power Integrations, Inc. TOP225YN Datasheet HTML 6Page - Power Integrations, Inc. TOP225YN Datasheet HTML 7Page - Power Integrations, Inc. TOP225YN Datasheet HTML 8Page - Power Integrations, Inc. TOP225YN Datasheet HTML 9Page - Power Integrations, Inc. TOP225YN Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. G 08/16
6
TOP221-227
www.power.com
Figure 7. Schematic Diagram of a 4 W TOPSwitch-II Standby Power Supply using an 8 lead PDIP.
Application Examples
Following are just two of the many possible TOPSwitch
implementations. Refer to the Data Book and Design Guide
for additional examples.
4 W Standby Supply using 8 Lead PDIP
Figure 7 shows a 4 W standby supply. This supply is used
in appliances where certain standby functions (e.g. real time
clock, remote control port) must be kept active even while
the main power supply is turned off.
The 5 V secondary is used to supply the standby function
and the 12 V non-isolated output is used to supply power
for the PWM controller of the main power supply and other
primary side functions.
For this application the input rectifiers and input filter are
sized for the main supply and are not shown. The input DC
rail may vary from 100 V to 380 V DC which corresponds to
the full universal AC input range. The TOP221 is packaged in
an 8 pin power DIP package.
The output voltage (5 V) is directly sensed by the Zener
diode (VR1) and the optocoupler (U2). The output voltage is
determined by the sum of the Zener voltage and the volt-
age drop across the LED of the optocoupler (the voltage
drop across R1 is negligible). The output transistor of the
optocoupler drives the CONTROL pin of the TOP221. C5
bypasses the CONTROL pin and provides control loop com-
pensation and sets the auto-restart frequency.
The transformer’s leakage inductance voltage spikes are
snubbed by R3 and C1 through diode D1. The bias winding
is rectified and filtered by D3 and C4 providing a non-isolat-
ed 12 V output which is also used to bias the collector of the
optocoupler’s output transistor. The isolated 5 V output wind-
ing is rectified by D2 and filtered by C2, L1 and C3.
Wide-Range
DC Input
D
S
C
CONTROL
PI-2115-040401
+
-
R3
47 k
Ω
D1
UF4005
C1
2.2 nF
1 kV
D2
UF5401
TOP221P
L1
3.3
µH
D3
1N4148
C4
100
µF
16 V
U2
PC817A
R1
10
Ω
C3
100
µF
10 V
+5 V
C5
47
µF
10 V
C2
330
µF
10 V
U1
R2
100
Ω
VR1
TOPSwitch-II
T1
RTN
+
-
12 V Non-Isolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com