Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP225YN Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # TOP225YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP225YN Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button TOP225YN Datasheet HTML 12Page - Power Integrations, Inc. TOP225YN Datasheet HTML 13Page - Power Integrations, Inc. TOP225YN Datasheet HTML 14Page - Power Integrations, Inc. TOP225YN Datasheet HTML 15Page - Power Integrations, Inc. TOP225YN Datasheet HTML 16Page - Power Integrations, Inc. TOP225YN Datasheet HTML 17Page - Power Integrations, Inc. TOP225YN Datasheet HTML 18Page - Power Integrations, Inc. TOP225YN Datasheet HTML 19Page - Power Integrations, Inc. TOP225YN Datasheet HTML 20Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. G 08/16
16
TOP221-227
www.power.com
The following precautions should be followed when testing
TOPSwitch by itself outside of a power supply. The sche-
matic shown in Figure 14 is suggested for laboratory testing
of TOPSwitch.
When the DRAIN supply is turned on, the part will be in the
Auto-restart mode. The CONTROL pin voltage will be oscil-
lating at a low frequency from 4.7 to 5.7 V and the DRAIN is
turned on every eighth cycle of the CONTROL pin oscilla-
tion. If the CONTROL pin power supply is turned on while
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
Typical Performance Characteristics
in this Auto-restart mode, there is only a 12.5% chance that
the control pin oscillation will be in the correct state (DRAIN
active state) so that the continuous DRAIN voltage waveform
may be observed. It is recommended that the V
C power sup-
ply be turned on first and the DRAIN power supply second
if continuous drain voltage waveforms are to be observed.
The 12.5% chance of being in the correct state is due to the
8:1 counter. Temporarily shorting the CONTROL pin to the
SOURCE pin will reset TOPSwitch, which then will come up
in the correct state.
2
1.2
1.6
0
0
20
40
60
80
100
DRAIN Voltage (V)
IC vs. DRAIN VOLTAGE
0.4
0.8
VC = 5 V
Junction Temperature (
°C)
BREAKDOWN vs. TEMPERATURE
Junction Temperature (
°C)
CURRENT LIMIT vs. TEMPERATURE
Junction Temperature (
°C)
FREQUENCY vs. TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com