Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL030PVC Datasheet(PDF) 16 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL030PVC
Description  M12 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL030PVC Datasheet(HTML) 16 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 13Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 14Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Electrical:
Mechanical:
No. Poles
3
4
5
8
12
Locking mechanism
Screw coupling
Current Rating
4A
4A
4A
2A 1.5A
Sealing
IP67
Voltage Rating (ac/dc)
250V 250V 60V 30V 30V
Contact Accomodation
Contact Resistance
<10mΩ
3, 4, 5, 8 & 12 Pole
28AWG-22AWG
Insulation Resistance
>100MΩ
Cable acceptance
4.6 - 8.0mm Dia
AC Breakdown Voltage
Terminations:
3 Pole
1.5KV
3, 4, 5, 8
PCB / Screw / Solder / Cable
4 Pole
1.5KV
12
PCB / Solder / Cable
5 Pole
1.5KV
8 Pole
0.8KV
Mechanical Operation
500 mating cycles
12 Pole
0.8KV
Largest diameter over
20.0mm
Operating Temp Range -25°C to 80°C
coupling ring
Materials:
Cable Connectors
Flex & Inline Connectors
Body
TPU / PVC
Nickel Plated Brass / PA66
Coupling Nut
Nickel Plated Brass
Nickel Plated Brass
Colour
Black
Black or Grey
Pin Contacts
Brass, Gold plating
Brass, Gold plating
Brass, Gold plating
Socket Contacts
Phosphor Bronze, Gold plating
Phosphor Bronze, Gold plating Phosphor Bronze, Gold plating
O Rings & Gaskets
Viton
Viton
RoHS
Compliant
Compliant
Compliant
BUCCANEER
M12 Series
Panel Mount
Nickel Plated Brass
Nickel Plated Brass
Grey
Viton
MX
XXX
XX
XX
X
XX
X
XX
XXX
XXX
XXX
Series
Material
Series Size
Body Style
Orientation No. Contacts
Code
Termination
Mounting / Gland Nut Thread Lead Length Cable Material
PXM
BNI = Brass Nickel
12
FB = Flex Body
M
03
A
ST = Screw Terminal
PG9
001
PUR
PXP
PAM = Polyamide
FI = Flex Inline Body
F
04
B
PC = PCB
PG7
002
PVC
TPU = overmold for PUR
RP = Rear Panel Mounting
05
D
CL = Cable
M16
003
PVC = overmold for PVC
RA = Right Angle
08
SC = Solder
M12
010
SC = Sealing Cap
12
020
030
050
100
150
M12 Buccaneer
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com