Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL030PVC Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL030PVC
Description  M12 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL030PVC Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXPPVC12FIM04DCL030PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BUCCANEER
M12 Series
Part Number
Poles
Code
Termination
Mounting Nut
PXMBNI12RPF03APCPG9
03
A
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF04APCPG9
04
A
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF05APCPG9
05
A
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF08APCPG9
08
A
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF12APCPG9
12
A
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF05BPCPG9
05
B
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF04DPCPG9
04
D
PCB Terminal
PG9 Mounting / Gland Nut Thread
PXMBNI12RPF03APCM16
03
A
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF04APCM16
04
A
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF05APCM16
05
A
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF08APCM16
08
A
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF12APCM16
12
A
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF05BPCM16
05
B
PCB Terminal
M16 Mounting / Gland Nut Thread
PXMBNI12RPF04DPCM16
04
D
PCB Terminal
M16 Mounting / Gland Nut Thread
Part Number
Poles
Code
Termination
PXPPAM12FIM03ASTPG9
03
A
Screw Terminal
PXPPAM12FIM04ASTPG9
04
A
Screw Terminal
PXPPAM12FIM05ASTPG9
05
A
Screw Terminal
PXPPAM12FIM08ASTPG9
08
A
Screw Terminal
M12 Flex Inline Body Male
○ 3, 4, 5 and 8 poles
○ Screw termination
○ Plastic Flex Inline Body
PXPPAM12FIM
M12 Rear Panel Mounting Female
○ 3, 4, 5, 8 and 12 poles
○ PCB termination
○ Different panel mounting
options available
PXMBNI12RPF
○ Mates with Flex Inline Body
connectors
○ Mates with Flex body and
panel mount connectors
M12 Buccaneer
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com