Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4671ITL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4671ITL/NOPB
Description  LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4671ITL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4671ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4671
www.ti.com
SNAS258D – MARCH 2005 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6.0V
Storage Temperature
−65°C to +150°C
Voltage at Any Input Pin
VDD + 0.3V ≥ V ≥ GND - 0.3V
Power Dissipation(4)
Internally Limited
ESD Susceptibility, all other pins(5)
2.0kV
ESD Susceptibility(6)
200V
Junction Temperature (TJMAX)
150°C
Thermal Resistance
θJA (DSBGA)
220°C/W
Soldering Information
See AN-1112 "MicroSMD Wafers Level Chip Scale Package" (Literature Number SNVA009)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4671, TJMAX = 150°C. The typical θJA is 220°C/W for the DSBGA package.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
(1) (2)
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.4V
≤ VDD ≤ 5.5V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
Electrical Characteristics
(1) (2)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4671
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4) (5)
VI = 0V, AV = 2V/V,
|VOS|
Differential Output Offset Voltage
5
mV (max)
VDD = 2.4V to 5.0V
PSRRGSM
GSM Power Supply Rejection Ratio
VDD = 2.4V to 5.0V
61
dB (min)
VDD = 2.4V to 5.0V
CMRRGSM GSM Common Mode Rejection Ratio VIC = VDD/2 to 0.5V,
68
dB (min)
VIC = VDD/2 to VDD – 0.8V
|IIH|
Logic High Input Current
VDD = 5.0V, VI = 5.5V
17
100
μA (max)
|IIL|
Logic Low Input Current
VDD = 5.0V, VI = –0.3V
0.9
5
μA (max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typical specifications are specified at 25°C and represent the parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com