Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4671ITL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4671ITL/NOPB
Description  LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4671ITL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4671ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4671ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4671
SNAS258D – MARCH 2005 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4671
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4) (5)
VIN = 0V, No Load, VDD = 5.0V
6.4
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, No Load, VDD = 3.6V
3.8
6.2
mA
VIN = 0V, No Load, VDD =2.4V
2.0
3.0
mA (max)
VSHUTDOWN = 0V
ISD
Shutdown Current
0.01
1
μA (max)
VDD = 2.4V to 5.0V
VSDIH
Shutdown voltage input high
1.2
1.4
V (min)
VSDIL
Shutdown voltage input low
1.1
0.4
V (max)
ROSD
Output Impedance
VSHUTDOWN = 0.4V
100
k
Ω
270k
Ω/RI
V/V (min)
AV
Gain
300k
Ω/RI
330k
Ω/RI
V/V (max)
Resistance from Shutdown Pin to
RSD
300
k
Ω
GND
RL = 15μH + 4Ω + 15μH
THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
2.5
W
VDD = 3.6V
1.3
W
VDD = 2.5V
520
mW
PO
Output Power
RL = 15μH + 4Ω + 15μH
THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
2.21
W
VDD = 3.6V
1.06
W
VDD = 2.5V
420
mW
RL = 15μH + 8Ω + 15μH
THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.7
W
VDD = 3.6V
870
mW
VDD = 2.5V
425
mW
PO
Output Power
RL = 15μH + 8Ω + 15μH
THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.19
W
VDD = 3.6V
700
600
mW
VDD = 2.5V
350
mW
VDD = 5V, PO = 0.1WRMS,
0.09
%
f = 1kHz
VDD = 3.6V, PO = 0.1WRMS,
0.04
%
f = 1kHz
THD+N
Total Harmonic Distortion + Noise
VDD = 3.6V, PO = 0.1WRMS,
0.12
%
f = 5kHz
VDD = 3.6V, PO = 0.1WRMS,
0.05
%
f = 10kHz
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com