Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010ASDX/NOPB.B Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5010ASDX/NOPB.B
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASDX/NOPB.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5010ASDX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
FB
SW
L1
R1
1.0k
LM5010A
BST
VCC
C3
C4
D1
VOUT
ISEN
SGND
SS
RTN
0.47 PF
5V
GND
13
11
10
9
6
5
4
2
3
12
0.022 PF
R2
1.0k
R3
1.5
C2
22 PF
C6
0.022 PF
C1
4.4 PF
C5
0.1 PF
RON
200k
100 PH
6 - 60V
Input
VIN
RON/SD
Copyright © 2016, Texas Instruments Incorporated
14
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5010A is a non-synchronous buck regulator converter designed to operate over a wide input voltage and
output current range. Spreadsheet-based calculator tools, available on the TI product website at Quick-Start
Calculator, can be used to design a single output non-synchronous buck converter.
Alternatively, online WEBENCH® software is available to create a complete buck design and generate the bill of
materials, estimated efficiency, solution size, and cost of the complete solution.
8.2 Typical Application
The final circuit is shown in Figure 11, and its performance is shown in Figure 16 and Figure 17. Current limit
measured at approximately 1.3 A.
Figure 11. LM5010A Example Circuit
8.2.1 Design Requirements
Table 1 lists the operating parameters for Figure 11.
Table 1. Design Parameters
PARAMETER
EXAMPLE VALUE
Input voltage
6 V to 60 V
Output voltage
5 V
Load current
200 mA to 1 A
Soft-start time
5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com