Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010ASDX/NOPB.B Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5010ASDX/NOPB.B
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASDX/NOPB.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5010ASDX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5010ASDX/NOPB.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RON =
VOUT x (VIN - 1.4V)
VIN x FS x 1.18 x 10
-10 - 1.4 k:
RON =
(tON - 67 ns) x (VIN - 1.4V)
1.18 x 10
-10
- 1.4 k:
tON =
1.18 x 10
-10
x (RON + 1.4k)
(VIN - 1.4V)
+ 67 ns
FB
SW
L1
C2
R1
R2
R3
BST
VCC
D2
C3
C4
D1
LM5010A
VOUT
SGND
ISEN
11
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 8. Self Biased Configuration
7.3.3 Regulation Comparator
The feedback voltage at the FB pin is compared to the voltage at the SS pin (2.5 V, ±2%). In normal operation an
ON-time period is initiated when the voltage at FB falls below 2.5 V. The buck switch conducts for the ON-time
programmed by RON, causing the FB voltage to rise above 2.5 V. After the ON-time period the buck switch
remains off until the FB voltage falls below 2.5 V. Input bias current at the FB pin is less than 5 nA over
temperature.
7.3.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 2.9-V reference. If the voltage at FB rises above 2.9 V the
ON-time is immediately terminated. This condition can occur if the input voltage, or the output load, changes
suddenly. The buck switch remains off until the voltage at FB falls below 2.5 V.
7.3.5 ON-Time Control
The ON-time of the internal buck switch is determined by the RON resistor and the input voltage (VIN), and is
calculated with Equation 5.
(5)
The RON resistor can be determined from the desired ON-time by re-arranging Equation 5 to Equation 6.
(6)
To set a specific continuous conduction mode switching frequency (fS), the RON resistor is determined with
Equation 7.
(7)
In high frequency applications the minimum value for tON is limited by the maximum duty cycle required for
regulation and the minimum OFF-time of the LM5010Ax (260 ns, ±15%). The fixed OFF-time limits the maximum
duty cycle achievable with a low voltage at VIN. The minimum allowed ON-time to regulate the desired VOUT at
the minimum VIN is determined with Equation 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com